Moteur de recherche de fiches techniques de composants électroniques |
|
STK11C68-C45 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
STK11C68-C45 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 10 page STK11C68 June 1999 4-22 ABSOLUTE MAXIMUM RATINGSa Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V) Voltage on DQ0-7 . . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V) Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55 °C to 125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65 °C to 150°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA DC CHARACTERISTICS (VCC = 5.0V ± 10%) b Note b: The STK11C68-20 requires VCC = 5.0V ± 5% supply to operate at specified speed. Note c: ICC 1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. Note d: ICC 2 is the average current required for the duration of the STORE cycle (tSTORE ). Note e: E ≥ V IH will not produce standby current levels until any nonvolatile cycle in progress has timed out. AC TEST CONDITIONS CAPACITANCEf (TA = 25°C, f = 1.0MHz) Note f: These parameters are guaranteed but not tested. SYMBOL PARAMETER COMMERCIAL INDUSTRIAL UNITS NOTES MIN MAX MIN MAX ICC1 c Average VCC Current 100 90 75 65 N/A 90 75 65 mA mA mA mA tAVAV = 20ns tAVAV = 25ns tAVAV = 35ns tAVAV = 45ns ICC2 d Average VCC Current during STORE 3 3 mA All Inputs Don’t Care, VCC = max ICC3 c Average VCC Current at tAVAV = 200ns 5V, 25˚C, Typical 10 10 mA W ≥ (V CC – 0.2V) All Others Cycling, CMOS Levels ISB1 e Average VCC Current (Standby, Cycling TTL Input Levels) 32 27 23 20 N/A 28 24 21 mA mA mA mA tAVAV = 20ns, E ≥ VIH tAVAV = 25ns, E ≥ VIH tAVAV = 35ns, E ≥ VIH tAVAV = 45ns, E ≥ VIH ISB2 e VCC Standby Current (Standby, Stable CMOS Input Levels) 750 750 µA E ≥ (V CC - 0.2V) All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V) IILK Input Leakage Current ±1 ±1 µA VCC = max VIN = VSS to VCC IOLK Off-State Output Leakage Current ±5 ±5 µA VCC = max VIN = VSS to VCC, E or G ≥ VIH VIH Input Logic “1” Voltage 2.2 VCC + .5 2.2 VCC + .5 V All Inputs VIL Input Logic “0” Voltage VSS – .5 0.8 VSS – .5 0.8 V All Inputs VOH Output Logic “1” Voltage 2.4 2.4 V IOUT =– 4mA VOL Output Logic “0” Voltage 0.4 0.4 V IOUT = 8mA TA Operating Temperature 0 70 – 40 85 °C Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V Input Rise and Fall Times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Figure 1 SYMBOL PARAMETER MAX UNITS CONDITIONS CIN Input capacitance 8 pF ∆V = 0 to 3V COUT Output Capacitance 7 pF ∆V = 0 to 3V Figure 1: AC Output Loading 480 Ohms 30 pF 255 Ohms 5.0V INCLUDING OUTPUT SCOPE AND FIXTURE Note a: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at condi- tions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat- ing conditions for extended periods may affect reliability. |
Numéro de pièce similaire - STK11C68-C45 |
|
Description similaire - STK11C68-C45 |