Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSC08A01KJEK Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce CSC08A01KJEK
Description  Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC08A01KJEK Fiches technique(HTML) 3 Page - Vishay Siliconix

  CSC08A01KJEK Datasheet HTML 1Page - Vishay Siliconix CSC08A01KJEK Datasheet HTML 2Page - Vishay Siliconix CSC08A01KJEK Datasheet HTML 3Page - Vishay Siliconix CSC08A01KJEK Datasheet HTML 4Page - Vishay Siliconix CSC08A01KJEK Datasheet HTML 5Page - Vishay Siliconix CSC08A01KJEK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CSC
www.vishay.com
Vishay Dale
Revision: 03-May-13
3
Document Number: 31509
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Coating meniscus meets class 2 requirements of IPC-A-610.
STOCKED RESISTANCE VALUES IN

(“G” TOLERANCE)
Standard E-24 resistance values stocked. Consult factory.
Many dual terminator resistance values stocked. Consult
factory.
Note
• For additional impedance codes, refer to the Dual Terminator Impedance Code Table document (www.vishay.com/doc?31530).
01 SCHEMATIC
GLOBAL
MODEL
NUMBER OF
RESISTORS
A
(MAX.)
B
C
(MAX.)
CSC04
3
0.390 (9.91)
0.300 (7.62)
“A” profile = 0.195 (4.95)
“B” profile = 0.295 (7.50)
CSC05
4
0.490 (12.45)
0.400 (10.16)
CSC06
5
0.590 (14.99)
0.500 (12.70)
CSC07
6
0.690 (17.53)
0.600 (15.24)
CSC08
7
0.790 (20.07)
0.700 (17.78)
CSC09
8
0.890 (22.61)
0.800 (20.32)
CSC10
9
0.990 (25.15)
0.900 (22.86)
CSC11
10
1.09 (27.69)
1.00 (25.40)
CSC12
11
1.19 (30.23)
1.100 (27.94)
03 SCHEMATIC
GLOBAL
MODEL
NUMBER OF
RESISTORS
A
(MAX.)
B
C
(MAX.)
CSC04
2
0.390 (9.91)
0.300 (7.62)
“A” profile = 0.195 (4.95)
“B” profile = 0.295 (7.50)
CSC06
3
0.590 (14.99)
0.500 (12.70)
CSC08
4
0.790 (20.07)
0.700 (17.78)
CSC10
5
0.990 (25.15)
0.900 (22.86)
CSC12
6
1.19 (30.23)
1.100 (27.94)
05 SCHEMATIC
GLOBAL
MODEL
NUMBER OF
RESISTORS
A
(MAX.)
B
C
(MAX.)
CSC04
4
0.390 (9.91)
0.300 (7.62)
“A” profile = 0.195 (4.95)
“B” profile = 0.295 (7.50)
CSC05
6
0.490 (12.45)
0.400 (10.16)
CSC06
8
0.590 (14.99)
0.500 (12.70)
CSC07
10
0.690 (17.53)
0.600 (15.24)
CSC08
12
0.790 (20.07)
0.700 (17.78)
CSC09
14
0.890 (22.61)
0.800 (20.32)
CSC10
16
0.990 (25.15)
0.900 (22.86)
CSC11
18
1.09 (27.69)
1.00 (25.40)
CSC12
20
1.19 (30.23)
1.100 (27.94)
1
2
3
n-1
n
1
2
3
4
n-1
n
1
2
3
n-1
n
R1
R2
MECHANICAL SPECIFICATIONS
Marking resistance
to solvents
Permanency testing per
MIL-STD-202, method 215
Solderability
Per MIL-STD-202, method 208E,
RMA flux
Body
High alumina, epoxy coated
Terminals (1)
Solder plated leads
IMPEDANCE CODES
CODE
R1 ()
R2 ()CODE
R1 ()
R2 ()
500B
82
130
141A
270
270
750B
120
200
181A
330
390
800C
130
210
191A
330
470
990A
160
260
221B
330
680
101C
180
240
281B
560
560
111C
180
270
381B
560
1.2K
121B
180
390
501C
620
2.7K
121C
220
270
102A
1.5K
3.3K
131A
220
330
202B
3K
6.2K


Numéro de pièce similaire - CSC08A01KJEK

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CSC08A VISHAY-CSC08A Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
CSC08A VISHAY-CSC08A Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results

Description similaire - CSC08A01KJEK

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com