Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP107 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce TIP107
Description  PNP Epitaxial Silicon Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP107 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  TIP107 Datasheet HTML 1Page - Fairchild Semiconductor TIP107 Datasheet HTML 2Page - Fairchild Semiconductor TIP107 Datasheet HTML 3Page - Fairchild Semiconductor TIP107 Datasheet HTML 4Page - Fairchild Semiconductor TIP107 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP105/TIP106/TIP107 Rev. 1.0.0
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
£300ms, Duty Cycle£2%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP105
: TIP106
: TIP107
IC = -30mA, IB = 0
-60
-80
-100
V
V
V
ICEO
Collector Cut-off Current
: TIP105
: TIP106
: TIP107
VCE = -30V, IB = 0
VCE = -40V, IB = 0
VCE = -50V, IB = 0
-50
-50
-50
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP105
: TIP106
: TIP107
VCB = -60V, IE = 0
VCB = -80V, IE = 0
VCB = -100V, IE = 0
-50
-50
-50
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE= -5V, IC = 0
-2
mA
hFE
DC Current Gain
VCE = -4V, IC = -3A
VCE = -4V, IC = -8A
1000
200
20000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -3A, IB = -6mA
IC = -8A, IB = -80mA
-2
-2.5
V
V
VBE(on)
Base-Emitter On Voltage
VCE = -4V, IC = -8A
-2.8
V
Cob
Output Capacitance
VCB = -10V, IE = 0, f =
0.1MHz
300
pF


Numéro de pièce similaire - TIP107

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
TIP107 MOSPEC-TIP107 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
TRANSYS Electronics Lim...
TIP107 TEL-TIP107 Datasheet
75Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
TIP107 NJSEMI-TIP107 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
Motorola, Inc
TIP107 MOTOROLA-TIP107 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
TAITRON Components Inco...
TIP107 TAITRON-TIP107 Datasheet
241Kb / 4P
   Darlington Power Transistors (PNP)
More results

Description similaire - TIP107

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
   Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com