Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCM4339 Fiches technique(PDF) 78 Page - Cypress Semiconductor

No de pièce BCM4339
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4339 Fiches technique(HTML) 78 Page - Cypress Semiconductor

Back Button BCM4339 Datasheet HTML 74Page - Cypress Semiconductor BCM4339 Datasheet HTML 75Page - Cypress Semiconductor BCM4339 Datasheet HTML 76Page - Cypress Semiconductor BCM4339 Datasheet HTML 77Page - Cypress Semiconductor BCM4339 Datasheet HTML 78Page - Cypress Semiconductor BCM4339 Datasheet HTML 79Page - Cypress Semiconductor BCM4339 Datasheet HTML 80Page - Cypress Semiconductor BCM4339 Datasheet HTML 81Page - Cypress Semiconductor BCM4339 Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 183 page
background image
Generic SPI Mode
BCM4339 Preliminary Data Sheet
Broadcom®
November 17, 2014 • 4339-DS106-R
Page 77
Command Structure
The gSPI command structure is 32 bits. The bit positions and definitions are as shown in Figure 30.
Figure 30: gSPI Command Structure
Write
The host puts the first bit of the data onto the bus half a clock-cycle before the first active edge following the CS
going low. The following bits are clocked out on the falling edge of the gSPI clock. The device samples the data
on the active edge.
Write/Read
The host reads on the rising edge of the clock requiring data from the device to be made available before the
first rising clock edge of the clock burst for the data. The last clock edge of the fixed delay word can be used to
represent the first bit of the following data word. This allows data to be ready for the first clock edge without
relying on asynchronous delays.
Read
The read command always follows a separate write to set up the WLAN device for a read. This command differs
from the write/read command in the following respects: a) chip selects go high between the command/address
and the data and b) the time interval between the command/address is not fixed.
0
10
27
11
P a cket length - 11b its *
Ad dres s – 17 bits
F1
F 0
C
A
F unction N o: 00 – F unc 0
01 – F unc 1
10 – F unc 2
11 – F unc 3
C ommand : 0 – R ead
1 – W rite
28
29
30
31
A cce ss : 0 – F ixed add ress
1 – Incremental add res s
* 11’ h0 = 204 8 by tes
0
10
27
11
P a cket length - 11b its *
Ad dres s – 17 bits
F1
F 0
C
A
F unction N o: 00 – F unc
01 – F unc 1: Registers and meories belonging to other blocks in the chip (64 bytes max)
10 – F unc 2: DMA channel 1. WLAN packets up to 2048 bytes.
11 – F unc
C ommand : 0 – R ead
1 – W rite
28
29
30
31
A cce ss : 0 – F ixed add ress
1 – Incremental add res s
* 11’ h0 = 204 8 by tes
BCM_SPID Command Structure


Numéro de pièce similaire - BCM4339

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM4339 CYPRESS-BCM4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM4339NKFFBG CYPRESS-BCM4339NKFFBG Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM4339XKUBG CYPRESS-BCM4339XKUBG Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBG CYPRESS-BCM4339XKWBG Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
More results

Description similaire - BCM4339

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com