Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13190D Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC13190D
Description  2.4 GHz Short-Range, Low-Power Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13190D Fiches technique(HTML) 4 Page - Motorola, Inc

  MC13190D Datasheet HTML 1Page - Motorola, Inc MC13190D Datasheet HTML 2Page - Motorola, Inc MC13190D Datasheet HTML 3Page - Motorola, Inc MC13190D Datasheet HTML 4Page - Motorola, Inc MC13190D Datasheet HTML 5Page - Motorola, Inc MC13190D Datasheet HTML 6Page - Motorola, Inc MC13190D Datasheet HTML 7Page - Motorola, Inc MC13190D Datasheet HTML 8Page - Motorola, Inc MC13190D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
MC13190 Advance Information
MOTOROLA
Electrical Specifications
Table 4. Receiver Section
(
VCC = 2.75 V, TA = 25°C, RF Receiver Frequency = 2.442 GHz, 60% AM, Bit Rate = 5.0 Mbps Manchester coded,
tested in circuit shown in Figure 3, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Low Noise Amplifier and Am Demodulator
Current Consumption
Active
Disabled
-
-
11
7.0
-
-
mA
µA
Recovered Signal Level at -65 dBm
-
5.0
-
mVpp
Limiter and Level Shifter
Current Consumption
Active
Disabled
-
-
240
3.0
-
-
µA
RX_DATA Drive Capability (5.0 MHz)
-
-
10
pF
Output High with respect to VDD_RX_DATA @ -100 µA
80%
VDD
V
Output Low with respect to GND @ -100 µA
0.2
V
NOTE:
Characterization data and design simulations guarantee functional operation from 2.3 to 3.2 V for VCC.
Table 5. Transmit Section
(VCC = 2.75 V, TA = 25°C, RF Transmit Frequency = 2.442 GHz, 60% AM, Bit Rate = 5.0 Mbps Manchester coded,
tested in circuit shown in Figure 3, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Synthesizer (VCC = 2.75 V, TA = 25°C, unless otherwise noted.)
Total Current Consumption when active
Active
Disabled
-
-
10.2
1.1
-
-
mA
µA
Frequency Range (FREF x 256)
2.4
-
2.484
GHz
Reference Input Frequency
fref
9.375
-
9.704
MHz
RF Frequency Divide Ratio
N
-
256
-
Trim Time (using fixed clock derived from reference)
-
-
100
µs
Time required to turn on and lock after trim
(250 kHz Loop Bandwidth)
-25
-
µs
Reference Input Level
Ref Low
Ref High
-
VDD x
80%
-
-
VDD x
20%
-
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC13190D

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FC FREESCALE-MC13191FC Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191FCR2 FREESCALE-MC13191FCR2 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Description similaire - MC13190D

FabricantNo de pièceFiches techniqueDescription
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
650201476G AUREL-650201476G Datasheet
118Kb / 1P
   Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
   Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
Texas Instruments
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com