Moteur de recherche de fiches techniques de composants électroniques |
|
SMP1302-011LF Fiches technique(PDF) 10 Page - Skyworks Solutions Inc. |
|
SMP1302-011LF Fiches technique(HTML) 10 Page - Skyworks Solutions Inc. |
10 / 11 page DATA SHEET • SMP1302 SERIES PIN DIODES Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 10 August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200043X NOTES: 1. All measurements are in millimeters. 2. Dimensions and tolerances according to ASME Y14.5M-1994. 3. These packages are used principally for discrete devices. 4. This dimension includes stand-off height and package body thickness, but does not include attached features, e.g., external heatsink or chip capacitors. An integral heatslug is not considered an attached feature. 5. This dimension is primarily terminal plating, but does not include small metal protrusion. 0.05 2X 0.05 0.46 + 0.04 –0.06 0.05/0.00 Terminal 1 0.03 C 2X 0.25 ± 0.05 2X Pin 1 Indicator 0.600 A 0.650 C B 1.000 Seating Plane 4 2X 0.50 ± 0.05 0.10 M A B 0.10 M A B 0.325 5 Y1410 Figure 15. SOD-882 Package Dimension Drawing S1922 A B 2.00 ± 0.05 ∅1.55 ± 0.05 (D0) ∅0.40 ± 0.05 (D1) Cathode Indicator 0.20 0.70 ± 0.05 (A0) 4.00 ± 0.10 A B B A 2.00 ± 0.05 0.47 ± 0.05 (Ko) 1.75 ± 0.10 Notes: 1. Carrier tape: black conductive polycarbonate. 2. Cover tape: transparent conductive material. 3. Cover tape size: 5.4 mm width. 4. ESD surface resistivity is ≥1 x 104 ~ ≤ 1 x 108 Ohms/square. 5. All dimensions are in millimeters. Figure 16. SOD-882 Tape and Reel Dimensions |
Numéro de pièce similaire - SMP1302-011LF |
|
Description similaire - SMP1302-011LF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |