Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM181E06 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce LM181E06
Description  SPECIFICATION FOR APPROVAL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E06 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button LM181E06 Datasheet HTML 6Page - NXP Semiconductors LM181E06 Datasheet HTML 7Page - NXP Semiconductors LM181E06 Datasheet HTML 8Page - NXP Semiconductors LM181E06 Datasheet HTML 9Page - NXP Semiconductors LM181E06 Datasheet HTML 10Page - NXP Semiconductors LM181E06 Datasheet HTML 11Page - NXP Semiconductors LM181E06 Datasheet HTML 12Page - NXP Semiconductors LM181E06 Datasheet HTML 13Page - NXP Semiconductors LM181E06 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Product Specification
10 / 26
LM181E06
Liquid Crystal Display
Ver 0.0
APR.07, 2002
3-3. Signal Timing Specifications
This is the signal timing required at the input of the LVDS Transmitter. All of the interface signal timing
should be satisfied with the following specifications for it’s proper operation.
Notes: " No Variation of Hsync(DE) input is required for normal operation .
"Input data shall be latched at the falling edge of DCLK.
1. Please refer transmitter data sheets for the detail timing condition (required setup, hold time and
etc.) between video processor and LVDS transmitter.
2. Horizontal sync shall be active high.
3. Vertical sync shall be active high.
4. Data enable shall be active high.
Table 6. TIMING TABLE
ITEM
SYMBOL
MIN
TYP
MAX
UNIT
NOTES
Dclk
Period
tCLK
18.18
18.52
18.87
ns
1
Frequency
-
53.0
54.0
55.0
MHz
Hsync
Period
tHP
784
844
904
tCLK
2
Width
tWH
8
56
240
Vsync
Period
tVP
1034
1066
1098
tHP
Frequency
f V
59
60
61
3
Width
tWV
2
3
24
Hz
tHP
DE
(Data
Enable)
Horizontal Valid
tHV
640
640
640
tCLK
4
Horizontal Back Porch
tHBP
12
124
-
Horizontal Front Porch
tHFP
8
24
-
Horizontal Blank
-
144
-
tHP- tHV
Vertical Valid
tVV
Vertical Back Porch
tVBP
Vertical Front Porch
tVFP
Vertical Blank
-
1024
1024
1024
tHP
1
38
-
1
1
-
10
-
tVP- tVV
Frequency
f h
58.63
63.98
70.16
KHz


Numéro de pièce similaire - LM181E06

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM181E1 PHILIPS-LM181E1 Datasheet
491Kb / 24P
   18 SXGA TFT LCD
July 5, 2000
LM181E1-H2MN PHILIPS-LM181E1-H2MN Datasheet
491Kb / 24P
   18 SXGA TFT LCD
July 5, 2000
More results

Description similaire - LM181E06

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com