Moteur de recherche de fiches techniques de composants électroniques |
|
STK12C68-5WF45M Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
STK12C68-5WF45M Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 13 page STK12C68 October 2003 4 Document Control # ML0008 rev 0.4 SRAM WRITE CYCLES #1 & #2 (VCC = 5.0V ± 10%)e Note j: If W is low when E goes low, the outputs remain in the high-impedance state. Note k: E or W must be ≥ VIH during address transitions. Note l: HSB must be high during SRAM WRITE cycles. SRAM WRITE CYCLE #1: W Controlledk, l SRAM WRITE CYCLE #2: E Controlledk, l NO. SYMBOLS PARAMETER STK12C68-25 STK12C68-35 STK12C68-45 STK12C68-55 UNITS #1 #2 Alt. MIN MAX MIN MAX MIN MAX MIN MAX 12 tAVAV tAVAV tWC Write Cycle Time 25 35 45 55 ns 13 tWLWH tWLEH tWP Write Pulse Width 20 25 30 45 ns 14 tELWH tELEH tCW Chip Enable to End of Write 20 25 30 45 ns 15 tDVWH tDVEH tDW Data Set-up to End of Write 10 12 15 25 ns 16 tWHDX tEHDX tDH Data Hold after End of Write 0000 ns 17 tAVWH tAVEH tAW Address Set-up to End of Write 20 25 30 45 ns 18 tAVWL tAVEL tAS Address Set-up to Start of Write 0000 ns 19 tWHAX tEHAX tWR Address Hold after End of Write 0000 ns 20 tWLQZ i, j tWZ Write Enable to Output Disable 10 13 14 15 ns 21 tWHQX tOW Output Active after End of Write 5555 ns PREVIOUS DATA DATA OUT E ADDRESS 12 tAVAV W 16 tWHDX DATA IN 19 tWHAX 13 tWLWH 18 tAVWL 17 tAVWH DATA VALID 20 tWLQZ 15 tDVWH HIGH IMPEDANCE 21 tWHQX 14 tELWH DATA OUT E ADDRESS 12 tAVAV W DATA IN 13 tWLEH 17 tAVEH DATA VALID HIGH IMPEDANCE 14 tELEH 18 tAVEL 15 tDVEH 19 tEHAX 16 tEHDX |
Numéro de pièce similaire - STK12C68-5WF45M |
|
Description similaire - STK12C68-5WF45M |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |