Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS70328TS-12T Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS70328TS-12T
Description  32K x 8 256Kb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS70328TS-12T Fiches technique(HTML) 1 Page - GSI Technology

  GS70328TS-12T Datasheet HTML 1Page - GSI Technology GS70328TS-12T Datasheet HTML 2Page - GSI Technology GS70328TS-12T Datasheet HTML 3Page - GSI Technology GS70328TS-12T Datasheet HTML 4Page - GSI Technology GS70328TS-12T Datasheet HTML 5Page - GSI Technology GS70328TS-12T Datasheet HTML 6Page - GSI Technology GS70328TS-12T Datasheet HTML 7Page - GSI Technology GS70328TS-12T Datasheet HTML 8Page - GSI Technology GS70328TS-12T Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GS70328SJ/TS
32K x 8
256Kb Asynchronous SRAM
7, 8, 10, 12, 15 ns
3.3 V VDD
Corner VDD and VSS
SOJ, TSOP
Commercial Temp
Industrial Temp
Rev: 1.11 11/2004
1/11
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 7, 8, 10, 12, 15 ns
• 75/65/50/50/50 mA at max cycle rate
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
SJ: 300 mil, 28-pin SOJ package
TS: 8 mm x 13.4 mm, 28-pin TSOP Type I package
Description
The GS70328 is a high speed CMOS static RAM organized as
32,763 words by 8 bits. Static design eliminates the need for
external clocks or timing strobes. The GS70328 operates on a
single 3.3 V power supply, and all inputs and outputs are TTL-
compatible. The GS70328 is available in 300 mil, 28-pin SOJ
and 8 x 13.4 mm2, 28-pin TSOP Type-I packages.
Pin Descriptions
Symbol
Description
A0–A14
Address input
DQ1–DQ8
Data input/output
CE
Chip enable input
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
Top view
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
DQ3
VSS
VDD
WE
A13
A8
A9
A11
OE
A10
CE
DQ8
DQ7
DQ6
DQ5
DQ4
28-pin
300 mil
5
6
7
8
9
10
11
12
13
14
28- pin
8 x 13.4 TSOP I
1
2
OE
A11
SOJ
3
4
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
24
23
22
21
20
19
18
17
16
15
28
27
A10
CE
26
25
DQ8
DQ7
DQ6
DQ5
DQ4
VSS
DQ3
DQ2
DQ1
A0
A1
A2
Pin Configuration


Numéro de pièce similaire - GS70328TS-12T

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVM GENNUM-GS7032-CVM Datasheet
184Kb / 9P
   Digital Video Serializer
GS7032-CVME3 GENNUM-GS7032-CVME3 Datasheet
184Kb / 9P
   Digital Video Serializer
More results

Description similaire - GS70328TS-12T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com