Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCU Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HCU
Description  HCMOS family characteristics
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCU Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HCU Datasheet HTML 1Page - NXP Semiconductors 74HCU Datasheet HTML 2Page - NXP Semiconductors 74HCU Datasheet HTML 3Page - NXP Semiconductors 74HCU Datasheet HTML 4Page - NXP Semiconductors 74HCU Datasheet HTML 5Page - NXP Semiconductors 74HCU Datasheet HTML 6Page - NXP Semiconductors 74HCU Datasheet HTML 7Page - NXP Semiconductors 74HCU Datasheet HTML 8Page - NXP Semiconductors 74HCU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
March 1988
5
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
DC CHARACTERISTICS FOR 74HCT
Voltages are referenced to GND (ground = 0 V)
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
VIH
HIGH level input
voltage
2.0
1.6
2.0
2.0
V
4.5
to
5.5
VIL
LOW level input
voltage
1.2
0.8
0.8
0.8
V
4.5
to
5.5
VOH
HIGH level output
voltage
all outputs
4.4
4.5
4.4
4.4
V
4.5
VIH
or
VIL
−IO = 20 µA
VOH
HIGH level output
voltage
standard outputs
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 4.0 mA
VOH
HIGH level output
voltage
bus driver outputs
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 6.0 mA
VOL
LOW level output
voltage
all outputs
0
0.1
0.1
0.1
V
4.5
VIH
or
VIL
IO = 20 µA
VOL
LOW level output
voltage
standard outputs
0.15
0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 4.0 mA
VOL
LOW level output
voltage
bus driver outputs
0.16
0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 6.0 mA
±I
I
input leakage
current
0.1
1.0
1.0
µA
5.5
VCC
or
GND
±IOZ
3-state OFF-state
current
0.5
5.0
10.0
µA
5.5
VIH
or
VIL
VO =VCC or
GND per input
pin;
other inputs at
VCC or GND;
IO = 0
ICC
quiescent supply
current
SSI
2.0
20.0
40.0
µA
5.5
VCC
or
GND
IO = 0
flip-flops
4.0
40.0
80.0
5.5
IO = 0
MSI
8.0
80.0
160.0
5.5
IO = 0
LSI
50.0
500
1000
5.5
IO = 0


Numéro de pièce similaire - 74HCU

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
ON Semiconductor
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
More results

Description similaire - 74HCU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
AN-90 FAIRCHILD-AN-90 Datasheet
209Kb / 7P
   74C Family Characteristics
LVDS FAIRCHILD-LVDS Datasheet
212Kb / 2P
   LVDS Description and Family Characteristics
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950_15 Datasheet
271Kb / 2P
   HCMOS
C33XX CRYSTEKCRYSTAL-C33XX_15 Datasheet
66Kb / 2P
   HCMOS
CCHD-575 CRYSTEKCRYSTAL-CCHD-575_15 Datasheet
315Kb / 3P
   HCMOS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
MMD Components
MVUH2 MMD-MVUH2 Datasheet
109Kb / 2P
   HCMOS Output
logo
Oscilent Corporation
550-12.0M3DN-TP1 OSCILENT-550-12.0M3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com