Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N254-E4 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce 3N254-E4
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3N254-E4 Fiches technique(HTML) 1 Page - Vishay Siliconix

  3N254-E4 Datasheet HTML 1Page - Vishay Siliconix 3N254-E4 Datasheet HTML 2Page - Vishay Siliconix 3N254-E4 Datasheet HTML 3Page - Vishay Siliconix 3N254-E4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2KBPxxM-E4, 3N25x-E4
www.vishay.com
Vishay General Semiconductor
Revision: 05-Aug-15
1
Document Number: 88532
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Single-Phase Bridge Rectifier
FEATURES
• UL recognition file number E54214
• Ideal for printed circuit board
• High surge current capability
• High case dielectric strength
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, and telecommunication applications.
MECHANICAL DATA
Case: KBPM
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E4 - RoHS-compliant, commercial grade
Terminals:
Silver
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
Polarity: As marked on body
PRIMARY CHARACTERISTICS
Package
KBPM
IF(AV)
2.0 A
VRRM
50 V to 1000 V
IFSM
60 A
IR
5 μA
VF at IF = 3.14 A
1.1 V
TJ max.
165 °C
Diode variations
In-line
+~
~−
Case Style KBPM
+
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
2KBP005M 2KBP01M 2KBP02M 2KBP04M 2KBP06M 2KBP08M 2KBP10M
UNIT
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Maximum repetitive peak reverse
voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output
rectified current at TA = 55 °C
IF(AV)
2.0
A
Peak forward surge current single half
sine-wave superimposed on rated
load
IFSM
60
A
Rating for fusing (t < 8.3 ms)
I2t15
A2s
Operating junction and storage
temperature range
TJ, TSTG
-55 to +165
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST
CONDITIONS
2KBP005M 2KBP01M 2KBP02M 2KBP04M 2KBP06M 2KBP08M 2KBP10M
UNIT
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Maximum instantaneous
forward voltage drop per
diode
VF
3.14 A
1.1
V
Maximum DC reverse
current at rated DC
blocking voltage per diode
IR
TA = 25 °C
5.0
μA
TA = 125 °C
500
Typical junction
capacitance per diode
TJ
4.0 V,
1 MHz
25
pF


Numéro de pièce similaire - 3N254-E4

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
3N254-M CENTRAL-3N254-M Datasheet
464Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Description similaire - 3N254-E4

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com