Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK12C68-CF25M Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce STK12C68-CF25M
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-CF25M Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  STK12C68-CF25M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-CF25M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STK12C68
October 2003
4
Document Control # ML0008 rev 0.4
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)e
Note j:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note k: E or W must be
≥ VIH during address transitions.
Note l:
HSB must be high during SRAM WRITE cycles.
SRAM WRITE CYCLE #1: W Controlledk, l
SRAM WRITE CYCLE #2: E Controlledk, l
NO.
SYMBOLS
PARAMETER
STK12C68-25
STK12C68-35
STK12C68-45
STK12C68-55
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
55
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
45
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
45
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
25
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0000
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
45
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0000
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0000
ns
20
tWLQZ i, j
tWZ
Write Enable to Output Disable
10
13
14
15
ns
21
tWHQX
tOW
Output Active after End of Write
5555
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
17
tAVEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
15
tDVEH
19
tEHAX
16
tEHDX


Numéro de pièce similaire - STK12C68-CF25M

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK12C68-CF25 SIMTEK-STK12C68-CF25 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF25I SIMTEK-STK12C68-CF25I Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF25ITR SIMTEK-STK12C68-CF25ITR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK12C68-CF25TR SIMTEK-STK12C68-CF25TR Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
More results

Description similaire - STK12C68-CF25M

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com