Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25640 Fiches technique(PDF) 9 Page - Ramtron International Corporation

No de pièce FM25640
Description  64Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640 Fiches technique(HTML) 9 Page - Ramtron International Corporation

Back Button FM25640 Datasheet HTML 5Page - Ramtron International Corporation FM25640 Datasheet HTML 6Page - Ramtron International Corporation FM25640 Datasheet HTML 7Page - Ramtron International Corporation FM25640 Datasheet HTML 8Page - Ramtron International Corporation FM25640 Datasheet HTML 9Page - Ramtron International Corporation FM25640 Datasheet HTML 10Page - Ramtron International Corporation FM25640 Datasheet HTML 11Page - Ramtron International Corporation FM25640 Datasheet HTML 12Page - Ramtron International Corporation FM25640 Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM25640
Rev. 2.1
Aug 2003
9 of 14
Applications
The versatility of FRAM technology fits into many
diverse applications. Clearly the strength of higher
write endurance and faster writes make FRAM
superior
to
EEPROM
in
all
but
one-time
programmable applications. The advantage is most
obvious in data collection environments where writes
are frequent and data must be nonvolatile.
The attributes of fast writes and high write endurance
combine in many innovative ways. A short list of
ideas is provided here.
1.
Data collection. In applications where data is
collected and saved, FRAM provides a superior
alternative to other solutions. It is more cost effective
than battery backup for SRAM and provides better
write attributes than EEPROM.
2.
Configuration. Any nonvolatile memory can
retain a configuration. However, if the configuration
changes and power failure is a possibility, the higher
write endurance of FRAM allows changes to be
recorded without restriction. Any time the system-
state is altered, the change can be written. This avoids
writing to memory on power-down when the
available time is short and power scarce.
3.
High noise environments. Writing to EEPROM
in a noisy environment can be challenging. When
severe noise or power fluctuations are present, the
long write time of EEPROM creates a window of
vulnerability
during
which
the
write
can
be
corrupted. The fast write of FRAM is complete
within a microsecond. This time is typically too short
for noise or power fluctuations to disturb it.
4.
Time to market. In a complex system, multiple
software routines may need to access the nonvolatile
memory.
In
this
environment
the
time
delay
associated with programming EEPROM adds undue
complexity to the software development. Each
software
routine
must
wait
for
complete
programming before allowing access to the next
routine. When time to market is critical, FRAM can
eliminate this simple obstacle. As soon as a write is
issued to the FM25640, it is effectively done -- no
waiting.
5.
RF/ID. In the area of contactless memory,
FRAM provides an ideal solution. Since RF/ID
memory is powered by an RF field, the long
programming time and high current consumption
needed to write EEPROM is unattractive. FRAM
provides a superior solution. The FM25640 is
suitable for multi-chip RF/ID products.
6.
Maintenance tracking. In sophisticated systems,
the operating history and system-state during a failure
is
important
knowledge.
Maintenance
can
be
expedited when this information has been recorded.
Due to the high write endurance, FRAM makes an
ideal system log. In addition, the convenient interface
of the FM25640 allows memory to be distributed
throughout the system using minimal additional
resources.


Numéro de pièce similaire - FM25640

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25640-G RAMTRON-FM25640-G Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640-GA RAMTRON-FM25640-GA Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25640-S RAMTRON-FM25640-S Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
More results

Description similaire - FM25640

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com