Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK12C68-5L45I Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce STK12C68-5L45I
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5L45I Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STK12C68-5L45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STK12C68
October 2003
7
Document Control # ML0008 rev 0.4
SOFTWARE-CONTROLLED STORE/RECALL CYCLEv
(VCC = 5.0V ± 10%)e
Note u: The software sequence is clocked with E controlled READs.
Note v: The six consecutive addresses must be in the order listed in the Hardware Mode Selection Table: (0000, 1555, 0AAA, 1FFF, 10F0, 0F0F) for a
STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledv
NO.
SYMBOLS
PARAMETER
STK12C68-25
STK12C68-35
STK12C68-45
STK12C68-55
UNITS NOTES
Standard
Alternate
MIN
MAXMIN
MAXMIN
MAXMIN
MAX
33
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
25
35
45
55
ns
p
34
tAVEL
tAS
Address Set-up Time
0000
ns
u
35
tELEH
tCW
Clock Pulse Width
20
25
30
30
ns
u
36
tELAX
Address Hold Time
20
20
20
20
ns
u
37
tRECALL
RECALL Duration
20
20
20
20
µs
DATA VALID
DATA VALID
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
33
tAVAV
DQ (DATA OUT)
E
ADDRESS
28
37
tSTORE / tRECALL
33
tAVAV
34
tAVEL
35
tELEH
36
tELAX


Numéro de pièce similaire - STK12C68-5L45I

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK12C68-5L45M ETC-STK12C68-5L45M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
More results

Description similaire - STK12C68-5L45I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com