Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2857C Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SK2857C
Description  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2857C Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SK2857C Datasheet HTML 1Page - Renesas Technology Corp 2SK2857C Datasheet HTML 2Page - Renesas Technology Corp 2SK2857C Datasheet HTML 3Page - Renesas Technology Corp 2SK2857C Datasheet HTML 4Page - Renesas Technology Corp 2SK2857C Datasheet HTML 5Page - Renesas Technology Corp 2SK2857C Datasheet HTML 6Page - Renesas Technology Corp 2SK2857C Datasheet HTML 7Page - Renesas Technology Corp 2SK2857C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2857C
Chapter Title
R07DS1261EJ0200 Rev.2.00
Page 3 of 6
Jun 11, 2015
Typical Characteristics (TA = 25
C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
FORWARD BIAS SAFE OPERATING
AREA
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TA – Ambient Temperature -
C
0.01
0.1
1
10
100
0.1
1
10
100
ID(pulse)= 16A
DC
Power Dissipation Limited
ID(DC)=4A
1ms
10ms
100ms
TA=25°C
Single Pulse
VDS-Drain to Source Voltage-V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage – V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
Tch - Channel Temperature -
C
ID - Drain Current - A


Numéro de pièce similaire - 2SK2857C

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2857 KEXIN-2SK2857 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2857 VBSEMI-2SK2857 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2857 RENESAS-2SK2857 Datasheet
305Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
Guangdong Kexin Industr...
2SK2857-HF KEXIN-2SK2857-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Description similaire - 2SK2857C

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com