Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8040AR-REEL7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8040AR-REEL7
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8040AR-REEL7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8040AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8040AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4. AD8029/AD8030/AD8040 Stress Ratings
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 6
Common-Mode Input Voltage
±VS ± 0.5 V
Differential Input Voltage
±1.8 V
Storage Temperature
–65°C to +125°C
Operating Temperature Range
–40°C to +125°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8029/AD8030/
AD8040 package is limited by the associated rise in junction
temperature (TJ) on the die. The plastic encapsulating the die
locally reaches the junction temperature. At approximately
150°C, which is the glass transition temperature, the plastic
changes its properties. Even temporarily exceeding this
temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric
performance of the AD8029/AD8030/AD8040. Exceeding a
junction temperature of 175°C for an extended period can
result in changes in silicon devices, potentially causing failure.
The still-air thermal properties of the package and PCB (θJA),
ambient temperature (TA), and the total power dissipated in the
package (PD) determine the junction temperature of the die. The
junction temperature can be calculated as
TJ = TA + (PD × θJA)
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming the load (RL) is referenced to
midsupply, the total drive power is VS/2 × IOUT, some of which is
dissipated in the package and some in the load (VOUT × IOUT).
The difference between the total drive power and the load
power is the drive power dissipated in the package.
PD = Quiescent Power + (Total Drive Power – Load Power)
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
⎟⎟
⎜⎜
×
+
×
=
RMS output voltages should be considered. If RL is referenced to
VS–, as in single-supply operation, then the total drive power is
VS × IOUT.
If the rms signal levels are indeterminate, consider the worst
case, when VOUT = VS/4 for RL to midsupply:
() ()
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
In single-supply operation with RL referenced to VS–, worst case
is VOUT = VS/2.
Airflow will increase heat dissipation, effectively reducing θJA.
Also, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes will
reduce the θJA. Care must be taken to minimize parasitic capaci-
tances at the input leads of high speed op amps, as discussed in
the PCB Layout section.
Figure 6 shows the maximum safe power dissipation in the
package versus the ambient temperature for the SOIC-8
(125°C/W), SOT23-8 (160°C/W), SOIC-14 (90°C/W),
TSSOP-14 (120°C/W), and SC70-6 (208°C/W) packages on a
JEDEC standard 4-layer board. θJA values are approximations.
–40
–20 –10
–30
0
10 20 30 40 50 60 70 80 90 100 110 120
2.5
1.0
0.5
1.5
2.0
0
AMBIENT TEMPERATURE (°C)
SOIC-8
TSSOP-14
SOIC-14
SOT-23-8
SC70-6
Figure 6. Maximum Power Dissipation
Output Short Circuit
Shorting the output to ground or drawing excessive current
from the AD8029/AD8030/AD8040 could cause catastrophic
failure.


Numéro de pièce similaire - AD8040AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8040AR-EBZ AD-AD8040AR-EBZ Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
More results

Description similaire - AD8040AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029 Datasheet
728Kb / 24P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com