Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33025PG Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC33025PG
Description  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025PG Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC33025PG Datasheet HTML 6Page - ON Semiconductor MC33025PG Datasheet HTML 7Page - ON Semiconductor MC33025PG Datasheet HTML 8Page - ON Semiconductor MC33025PG Datasheet HTML 9Page - ON Semiconductor MC33025PG Datasheet HTML 10Page - ON Semiconductor MC33025PG Datasheet HTML 11Page - ON Semiconductor MC33025PG Datasheet HTML 12Page - ON Semiconductor MC33025PG Datasheet HTML 13Page - ON Semiconductor MC33025PG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC34025, MC33025
http://onsemi.com
10
PIN FUNCTION DESCRIPTION
Pin No.
Function
Description
DIP/SOIC
1
Error Amp Inverting
Input
This pin is usually used for feedback from the output of the power supply.
2
Error Amp
Noninverting Input
This pin is used to provide a reference in which an error signal can be produced on the output of the
error amp. Usually this is connected to Vref, however an external reference can also be used.
3
Error Amp Output
This pin is provided for compensating the error amp for poles and zeros encountered in the power
supply system, mostly the output LC filter.
4
Clock
This is a bidirectional pin used for synchronization.
5
RT
The value of RT sets the charge current through timing Capacitor, CT.
6
CT
In conjunction with RT, the timing Capacitor sets the switching frequency. Because this part is a
push−pull output, each output runs at one−half the frequency set at this pin.
7
Ramp Input
For voltage mode operation this pin is connected to CT. For current mode operation this pin is
connected through a filter to the current sensing element.
8
Soft−Start
A capacitor at this pin sets the Soft−Start time.
9
Current
Limit/Shutdown
This pin has two functions. First, it provides cycle−by−cycle current limiting. Second, if the current is
excessive, this pin will reinitiate a Soft−Start cycle.
10
Ground
This pin is the ground for the control circuitry.
11
Output A
This is a high current totem pole output.
12
Power Ground
This is a separate power ground return that is connected back to the power source. It is used to
reduce the effects of switching transient noise on the control circuitry.
13
VC
This is a separate power source connection for the outputs that is connected back to the power
source input. With a separate power source connection, it can reduce the effects of switching
transient noise on the control circuitry.
14
Output B
This is a high current totem pole output.
15
VCC
This pin is the positive supply of the control IC.
16
Vref
This is a 5.1 V reference. It is usually connected to the noninverting input of the error amplifier.
Output Voltage
Feedback Input
2
1
3
7
6
5
4
1.25 V
Oscillator
Vref
CT
Figure 22. Voltage Mode Operation
In voltage mode operation, the control range on the output of
the Error Amplifier from 0% to 90% duty cycle is from 2.25 V
to 4.05 V.
Output Voltage
Feedback Input
2
1
3
7
6
5
4
1.25 V
Oscillator
Vref
CT
From Current
Sense Element
Figure 23. Current Mode Operation
In current mode control, an RC filter should be placed at the
ramp input to filter the leading edge spike caused by turn−on of
a power MOSFET.


Numéro de pièce similaire - MC33025PG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33025PG ONSEMI-MC33025PG Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
More results

Description similaire - MC33025PG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com