Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G66YEPR Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74AUC2G66YEPR
Description  DUAL BILATERAL ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66YEPR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74AUC2G66YEPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 9Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 10Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 11Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 12Page - Texas Instruments SN74AUC2G66YEPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507 − NOVEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIH
RL
CL
50
0.1
µF
(ON)
VCC/2
RL/CL: 600 Ω / 50 pF
RL/CL: 50 Ω / 5 pF
fin
Figure 6. Frequency Response (Switch ON)
VCC
VO1
1B or 1A
C
1A or 1B
VCC
VC
VIH
CL
50 pF
50
0.1
µF
(On)
VCC/2
20log10(VO2/VI1) or
20log10(VO1/VI2)
fin
RL
600
Rin
600
VO2
GND
2B or 2A
C
2A or 2B
VC
VIL
Rin
600
(Off)
VCC/2
RL
600
CL
50 pF
Figure 7. Crosstalk (Between Switches)


Numéro de pièce similaire - SN74AUC2G66YEPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G66YZPR TI-SN74AUC2G66YZPR Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

Description similaire - SN74AUC2G66YEPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com