Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM632C Fiches technique(PDF) 5 Page - Silicon Touch Technology Inc.

No de pièce DM632C
Description  Maximum output voltage: 17V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632C Fiches technique(HTML) 5 Page - Silicon Touch Technology Inc.

  DM632C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
16-channel 16-bit PWM Constant Current LED Driver
Version:A.001
Page 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632C
Equivalent Circuit of Inputs and Outputs
1. DCK, DAI,
LAT , SOMODE/GCK terminals
2. DAO terminals
PCB Layout Consideration
To connect an external resistor to REXT pin and ground can determine the maximum output
current. If there is any disturbance occurred to REXT pin, the constant current output may be
unstable or noisy. Since REXT (pin23), DAO (pin22), and SOMODE/GCK (pin21) are next to each
other, the most possible interference is caused by DAO or SOMODE/GCK signal. Accordingly, it is
recommended that adding some shielding area within the above pins in PCB layout, or laying the
signal line of above pins on different PCB layer will prevent the noise problems effectively.


Numéro de pièce similaire - DM632C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
DM632 SITI-DM632 Datasheet
551Kb / 25P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
More results

Description similaire - DM632C

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com