Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM13H-E Fiches technique(PDF) 10 Page - Silicon Touch Technology Inc.

No de pièce DM13H-E
Description  Maximum output voltage: 17V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H-E Fiches technique(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM13H-E Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13H-E Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.004
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H-E
Constant-Current Output
Constant-current value of each output channel is set by an external resistor connected
between the REXT pin and GND. Varying the resistor value can adjust the current scale
ranging from 3mA to 90mA. The reference voltage of REXT terminal (Vrext) is
approximately 1.23V. The output current value is calculated by the following equation:
0
10
20
30
40
50
60
70
80
90
12
345
678
9
10
Rext (K)
In order to obtain a good performance of constant-current output, a suitable output voltage
is necessary. Users can get related information about the minimum output voltage below.
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
VOUT(V)
Iout (mA) ~
V rext (V)
Rrext (KΩ)
×
65


Numéro de pièce similaire - DM13H-E

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
More results

Description similaire - DM13H-E

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com