Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM13A-E Fiches technique(PDF) 4 Page - Silicon Touch Technology Inc.

No de pièce DM13A-E
Description  Minimum constant-current outputs: 0.3mA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A-E Fiches technique(HTML) 4 Page - Silicon Touch Technology Inc.

  DM13A-E Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Low Power 16-bit Constant Current LED Driver
Version:Pre.003
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A-E
Pin Connection
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT0
OUT1
OUT2
OUT3
VDD
REXT
DAO
EN
GND
DCK
LAT
OUT15
OUT14
OUT13
OUT12
DAI
DIP24
SOP24
SSOP24
TSSOP24
(top view)
9
10
11
12
16
15
14
13
OUT4
OUT5
OUT6
OUT7
OUT11
OUT10
OUT9
OUT8
Pin Description
PIN No.
PIN NAME
FUNCTION
DIP24/SOP24/SSOP24:1
QFN24:22,thermal pad
GND
Ground terminal.
DIP24/SOP24/SSOP24: 2
QFN24:23
DAI
Serial data input terminal.
DIP24/SOP24/SSOP24: 3
QFN24:24
DCK
Synchronous clock input terminal for serial data transfer. Data
is sampled at the rising edge of DCK.
DIP24/SOP24/SSOP24: 4
QFN24:1
LAT
Input terminal of data strobe. Data on shift register goes
through at the high level of LAT (level trigger). Otherwise,
data is latched.
DIP24/SOP24/SSOP24: 5~20
QFN24:2~17
OUT0~15 Sink constant-current outputs (open-drain).
DIP24/SOP24/SSOP24: 21
QFN24:18
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
DIP24/SOP24/SSOP24: 22
QFN24:19
DAO
Serial data output terminal.
DIP24/SOP24/SSOP24: 23
QFN24:20
REXT
External resistors connected between REXT and GND for
output current value setting.
DIP24/SOP24/SSOP24: 24
QFN24:21
VDD
Supply voltage terminal.
QFN24


Numéro de pièce similaire - DM13A-E

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
More results

Description similaire - DM13A-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Arch Electronics Corp.
PLF25_SERIES ARCH-PLF25_SERIES Datasheet
271Kb / 2P
   Constant Current
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
   Constant-Current, Constant-Voltage Converter
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
Fairchild Semiconductor
DM9368 FAIRCHILD-DM9368 Datasheet
71Kb / 6P
   7-Segment Decoder/Driver/Latch with Constant Current Source Outputs
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com