Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM11H Fiches technique(PDF) 11 Page - Silicon Touch Technology Inc.

No de pièce DM11H
Description  Maximum output voltage: 17V
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITI [Silicon Touch Technology Inc.]
Site Internet  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11H Fiches technique(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM11H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 9Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 10Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 11Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 12Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 13Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 14Page - Silicon Touch Technology Inc. DM11H Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
8-bit Constant Current LED Driver with Error Detection
Version:PRE.002
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11H
Serial Data Interface
DM11H includes a flexible data transfer interface. The data can be transferred from DAI
pin to the shift registers at the rising edge of CLK. After all data are clocked in, a rising edge
of the
LAT signal can transfer the serial data to the data latches (Edge trigger). The serial
data format can be 8-bit or 10-bit wide, depending on the operating mode of the device.
Operation Mode
DM11H has two operating modes depending on the combination of CLK and LAT
signals. The table below shows the available operating modes. For normal operation (SD
mode), the data width of shift register is 8-bit, which is used to set 8 bits serial-in image data.
The sequence of the combination of CLK and LAT explains in following pages is used to
change the operation mode. If there are four triggering clock pulses (CLK) with high level
latch (LAT ), DM11H will change to command data input mode (CD mode) at falling edge of
the latch pulse (LAT ) then user can make ten triggering clock pulses to set 7-bit GBC data
(default value after power-on is 7’b1000000), 2-bit voltage level selection of short detection
(default value after power-on is 1’b10) and 1-bit sleep control data (default value is 1’b0)
OPERATION MODE
SHIFT REGISTER
Serial-in Data Input Mode (SD mode)
8-bit
Command Data Input Mode (CD mode)
10-bit


Numéro de pièce similaire - DM11H

FabricantNo de pièceFiches techniqueDescription
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
   Mini Pocket MultiMeter
logo
MicroPower Direct, LLC
DM111E MPD-DM111E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM111E MPD-DM111E Datasheet
245Kb / 2P
   DM100E SERIES
DM112E MPD-DM112E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

Description similaire - DM11H

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com