Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1643 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce 2SK1643
Description  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1643 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1643 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1643 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1643
DESCRIPTION
·Drain Current
–I
D=5A@ TC=25℃
·Drain Source Voltage-
: VDSS=900 (Min)
·Fast Switching Speed
APPLICATIONS
·high speed high current switching applications
·DC-DC converter and motor driver applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNI
T
VDSS
Drain-Source Voltage (VGS=0)
900
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
5
A
Ptot
Total Dissipation@TC=25℃
125
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.00
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
83.3
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Numéro de pièce similaire - 2SK1643

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK1641 ISC-2SK1641 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1642 TOSHIBA-2SK1642 Datasheet
678Kb / 9P
   TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
logo
Inchange Semiconductor ...
2SK1642 ISC-2SK1642 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK1645 SANYO-2SK1645 Datasheet
40Kb / 4P
   For C to X-band Local Oscillator and Amplifier
2SK1646 SANYO-2SK1646 Datasheet
33Kb / 4P
   For C to X-band Local Oscillator and Amplifier
More results

Description similaire - 2SK1643

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com