Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3C2510A Fiches technique(PDF) 20 Page - Samsung semiconductor

No de pièce S3C2510A
Description  16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2510A Fiches technique(HTML) 20 Page - Samsung semiconductor

Back Button S3C2510A Datasheet HTML 16Page - Samsung semiconductor S3C2510A Datasheet HTML 17Page - Samsung semiconductor S3C2510A Datasheet HTML 18Page - Samsung semiconductor S3C2510A Datasheet HTML 19Page - Samsung semiconductor S3C2510A Datasheet HTML 20Page - Samsung semiconductor S3C2510A Datasheet HTML 21Page - Samsung semiconductor S3C2510A Datasheet HTML 22Page - Samsung semiconductor S3C2510A Datasheet HTML 23Page - Samsung semiconductor S3C2510A Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
PRODUCT OVERVIEW
S3C2510A
1-20
Table 1-1. S3C2510A Pin List and PAD Type S3C2510A Pin List and PAD Type (Continued)
Group
Pin Name
Pin No.
I/O Type
Pad Type
Description
PCI &
EXT_PCICLK
AD18
I (B)
phtbpcicb
External PCI clock input
PC Card
EXT_PCIRST#
AE19
B
phtbpcicb
PCI reset signal
Controller
REQ#
AF22
O(B)
phtbpcicbu
PCI bus request signal
GNT#
AC21
I (B)
phtbpcicbu
PCI bus grant signal
PCI Agent
IDSEL
AD21
I
phtipcicbu
PCI Initialization Device Select signal
Mode
AD[31:0]
B
phtbpcicb
PCI address / data 32-bit lines
(53)
C/BE#[3]
C/BE#[2]
C/BE#[1]
C/BE#[0]
AD26
AA26
V26
T24
B
phtbpcicb
Command / byte enable 4-bit lines
PAR
W23
B
phtbpcicb
Even parity signal
FRAME#
AA25
B
phtbpcicbu
Signal indicating duration of access
IRDY#
AA24
B
phtbpcicbu
Signal indicating the master is ready
TRDY#
Y26
B
phtbpcicbu
Signal indicating the target is ready
DEVSEL#
Y25
B
phtbpcicbu
Target device selected signal
STOP#
Y24
B
phtbpcicbu
Stop signal for disconnect or retry
LOCK#
W26
I (B)
phtbpcicbu
Lock signal
PERR#
W25
B
phtbpcicbu
Parity error report signal
SERR#
W24
OD (BD) phtbdpcicbu System error report signal
INTA#
AF19
OD (BD) phtbdpcicbu Level-sensitive Interrupt signal
PME#
AE22
O(B)
phtbpcicbu
PCI Power Management Event signal
CLKRUN#
L25
O(B)
phtbpcicbu
PCI clock speed control signal
PCI & PC Card controller pins are 69 pins (66 interface signals + 3 PLL signals).
When in PCI agent mode (PCI_PCCDM=0, PCI_HOSTM=0), PCI & PC Card controller pins are mapped to
PCI agent (general PCI device) signals as above. Extra 16 pins (PCICLK[2:1], PCIREQ[5:3], PCIGNT[5:2],
PCICVS[2:1], PCICCD[2:1], PCI_XCLK, PCI_CLK_SEL, PCI_FILTER) are not used in this mode.
These pins in above table are shared with other pins according to PCI & PC Card controller mode.
Refer to “S3C2510A PCI / PC Card Signals Reference Table”.


Numéro de pièce similaire - S3C2510A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C2500B SAMSUNG-S3C2500B Datasheet
2Mb / 623P
   32-Bit RISC Microprocessor
S3C2501X SAMSUNG-S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
More results

Description similaire - S3C2510A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
   32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com