Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3C2510A Fiches technique(PDF) 6 Page - Samsung semiconductor

No de pièce S3C2510A
Description  16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C2510A Fiches technique(HTML) 6 Page - Samsung semiconductor

Back Button S3C2510A Datasheet HTML 2Page - Samsung semiconductor S3C2510A Datasheet HTML 3Page - Samsung semiconductor S3C2510A Datasheet HTML 4Page - Samsung semiconductor S3C2510A Datasheet HTML 5Page - Samsung semiconductor S3C2510A Datasheet HTML 6Page - Samsung semiconductor S3C2510A Datasheet HTML 7Page - Samsung semiconductor S3C2510A Datasheet HTML 8Page - Samsung semiconductor S3C2510A Datasheet HTML 9Page - Samsung semiconductor S3C2510A Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
PRODUCT OVERVIEW
S3C2510A
1-6
PCI Host/Agent Controller Features are as Follows
— 32-bit, 33/66 MHz, 5V tolerant, Up to 264M-byte/sec @66MHz
— PCI Local Bus Specification Rev.2.2 compliant
— PCI Bus Power Management Interface Specification Rev.1.1 compliant
— PCI Mobile Design Guide Ver.1.1 compliant
— Mini PCI Specification Rev.1.0 compliant
— Advanced Configuration and Power Interface (ACPI) Specification Rev.2.0 compliant
— Supports PCI PME# pin and wake-up by software
— Round-robin PCI bus arbiter supports five external REQ#, GNT# pins
— Two-channel dedicated DMA
— Integrated pull-up resistors
CardBus PC Card Host/Agent Controller Features (Common Silicon with PCI) are as Follows
— 32-bit, 33 MHz, 3.3V, Up to 132M-byte/sec
— PC Card Standard Release 7.1 compliant
— PCI Bus Power Management Interface Specification Rev.1.1 compliant
— PCI Mobile Design Guide Ver.1.1 compliant
— Advanced Configuration and Power Interface (ACPI) Specification Rev.2.0 compliant
— Single PC Card slot interface with hot insertion and removal
— Interface to 16-bit PC Card (PCMCIA card) or CardBus PC Card
— Interface to PC Card power-switch like TI
 TPS2211A and MAXIM MAX1602
— Integrated slew-rate controlled buffers for the difference between PCI and CardBus
— Advanced filtering on card detect lines provide 60 microseconds of noise immunity
— Supports CardBus CSTSCHG pin and Socket Event (Status Changed registers) registers
— Two-channel dedicated DMA
— Integrated pull-up resistors
— Common memory, attribute memory and I/O interface supported for 16-bit PC Card
16-bit PC Card Host Controller Features (Common Silicon with PCI) are as Follows
— PC Card Standard Release 7.1 compliant
— Advanced filtering on card detect lines provide 60 microseconds of noise immunity
— Two-channel dedicated DMA


Numéro de pièce similaire - S3C2510A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C2500B SAMSUNG-S3C2500B Datasheet
2Mb / 623P
   32-Bit RISC Microprocessor
S3C2501X SAMSUNG-S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
More results

Description similaire - S3C2510A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
   32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com