Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFB2H2G45BB1A221 Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce LFB2H2G45BB1A221
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB2H2G45BB1A221 Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFB2H2G45BB1A221 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB2H2G45BB1A221 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB2H2G45BB1A221 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
LFB2H2G45BB1A221
Specifications
Applications
WLAN
BT
Nominal Center Frequency(fo)
2450.00MHz
Bandwidth(BW)
fo±50.00MHz
Insertion Loss in BW I)
3.0dB max. (at
25
)
Insertion Loss in BW II)
3.3dB max. (-40 to
+85
)
Attenuation(Absolute Value) I)
48dB min. at 880.00 to 960.00MHz
Attenuation(Absolute Value) II)
48dB min. at 1710.00 to 1880.00MHz
Attenuation(Absolute Value) III)
25dB min. at 1990.00 to 2170.00MHz
Attenuation(Absolute Value) IV)
30dB min. at 4800.00 to 5000.00MHz
Balance Impedance (Differential)
(Nom.)
75ohm
Unbalance Impedance (Nom.)
50Ω
Power Capacity
500mW
Operating Temperature Range
-
40
to
85
Length_Width (size)
2.50x2.00mm
Thickness(max.)
1.2mm
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/23


Numéro de pièce similaire - LFB2H2G45BB1A221

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
LFB2H2G45BB1A221 MURATA1-LFB2H2G45BB1A221 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Description similaire - LFB2H2G45BB1A221

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com