Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFTC-1350 Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce LFTC-1350
Description  Low Pass Filter(DC to 1350 MHz)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFTC-1350 Fiches technique(HTML) 1 Page - Mini-Circuits

  LFTC-1350 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
RF IN
2**
RF OUT
5**
GROUND
1,3,4,6
** RF IN & RF OUT can be interchanged
• miniature size, 0.15"X0.15"X.028"
• low profile, .028" height
• high power handling, 15W
• 7 sections
Applications
• harmonic rejection
• internal rejection
• receivers & transmitters
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
1.00
0.06
1.01
1000.00
0.57
1.07
1350.00
0.91
1.25
1550.00
2.76
2.96
1700.00
8.24
10.25
2100.00
23.80
41.48
2700.00
43.89
58.41
4000.00
43.19
62.68
7000.00
23.87
14.62
9000.00
23.66
2.77
LFTC-1350
INSERTION LOSS
0
5
10
15
20
25
30
35
40
45
50
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
LFTC-1350
VSWR
1
10
100
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
CASE STYLE: FR933
PRICE: $3.75 ea. QTY (10-49)
LFTC-1350
DC-1350
1550
2100
2700-4000
7000
1.2
15
LF1
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR (:1)
Passband
POWER
INPUT*
(W)
STOP BAND (MHz)
Typ.
(loss < 1 dB)
Typ.
( > 20 dB) ( loss> 40 dB)
fr20dB
Typ.
* Derate linearly to 7W at 100°C ambient
RF IN
RF OUT
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
R 20dB
co
f
f
20dB
3dB
40dB
Outline Drawing
Demo Board MCL P/N: TB-233
Suggested PCB Layout (PL-112)
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
.150
.150
.028
.035
.028
3.81
3.81
0.71
0.89
0.71
H
J
K
L
M
N
P
wt.
.060
.030
.184
.050
.075
.044 grams
1.52
0.76
4.67
1.27
1.91
1.12
0.15
DC to 1350 MHz
Low Pass Filter
Ceramic
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. H
M88950
LFTC-1350
EDB-020405
AD/YB/CP
030918
LFTC-1350
NEW!


Numéro de pièce similaire - LFTC-1350

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
LFTC-1700 MINI-LFTC-1700 Datasheet
111Kb / 1P
   Low Pass Filter
More results

Description similaire - LFTC-1350

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
VLFX-1350 MINI-VLFX-1350 Datasheet
113Kb / 1P
   Low Pass Filter DC to 1350 MHz (40 dB Isolation up to 20 GHz)
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
   Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
   Low Pass Filter DC to 575 MHz
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
   Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
   Low Pass Filter DC to 80 MHz
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1525 MHz
VLF-95 MINI-VLF-95 Datasheet
92Kb / 1P
   Low Pass Filter DC to 95 MHz
VLF-1700 MINI-VLF-1700 Datasheet
88Kb / 1P
   Low Pass Filter DC to 1700 MHz
VLF-2750 MINI-VLF-2750 Datasheet
88Kb / 1P
   Low Pass Filter DC to 2750 MHz
VLF-1000 MINI-VLF-1000 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1000 MHz
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com