Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5307MP15X Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5307MP15X
Description  High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5307MP15X Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5307MP15X Datasheet HTML 1Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 2Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 3Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 4Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 5Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 6Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 7Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 8Page - Fairchild Semiconductor FAN5307MP15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FAN5307 Rev. 1.0.4
Absolute Maximum Ratings
Recommended Operating Conditions
Notes:
1. Junction to ambient thermal resistance,
θ
JA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of vias used, diameter of via used, available copper surface, and attached heat
sink characteristics.
2. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
3. Refer to the applications section for further details.
Parameter
Min
Max
Unit
VIN
-0.3
6.5
V
Voltage on any other pin
GND-0.3
VIN + 0.3
V
Thermal Resistance (Note 1)
Junction to case, SOT-23
130
°C/W
Junction to tab, MLP 3x3
8
Lead Soldering Temperature (10 seconds)
260
°C
Storage Temperature
-65
150
°C
Electrostatic Discharge (ESD) Protection
Level (Note 2)
HBM
4
kV
CDM
1
Parameter
Min
Typ
Max
Unit
Supply Voltage Range
2.5
5.5
V
Output Voltage Range, Adjustable Version
0.7
VIN
V
Output Current
300
mA
Inductor (Note 3)
10
µH
Input Capacitor (Note 3)
4.7
µF
Output Capacitor (Note 3)
10
µF
Operating Ambient Temperature Range
-40
+85
°C
Operating Junction Temperature Range
-40
+125
°C


Numéro de pièce similaire - FAN5307MP15X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Description similaire - FAN5307MP15X

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com