Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM24V01A Fiches technique(PDF) 5 Page - Cypress Semiconductor

No de pièce FM24V01A
Description  128-Kbit (16K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01A Fiches technique(HTML) 5 Page - Cypress Semiconductor

  FM24V01A Datasheet HTML 1Page - Cypress Semiconductor FM24V01A Datasheet HTML 2Page - Cypress Semiconductor FM24V01A Datasheet HTML 3Page - Cypress Semiconductor FM24V01A Datasheet HTML 4Page - Cypress Semiconductor FM24V01A Datasheet HTML 5Page - Cypress Semiconductor FM24V01A Datasheet HTML 6Page - Cypress Semiconductor FM24V01A Datasheet HTML 7Page - Cypress Semiconductor FM24V01A Datasheet HTML 8Page - Cypress Semiconductor FM24V01A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FM24V01A
Document Number: 001-90869 Rev. *H
Page 5 of 19
If during operation the power supply drops below the specified
VDD minimum, the system should issue a START condition prior
to performing another operation.
Data/Address Transfer
All data transfers (including addresses) take place while the SCL
signal is HIGH. Except under the three conditions described
above, the SDA signal should not change while SCL is HIGH.
Acknowledge / No-acknowledge
The acknowledge takes place after the 8th data bit has been
transferred in any transaction. During this state, the transmitter
should release the SDA bus to allow the receiver to drive it. The
receiver drives the SDA signal LOW to acknowledge receipt of
the byte. If the receiver does not drive SDA LOW, the condition
is a no-acknowledge and the operation is aborted.
The receiver will fail to acknowledge for two distinct reasons, the
first being that a byte transfer fails. In this case, the
no-acknowledge ceases the current operation so that the part
can be addressed again. This allows the last byte to be
recovered in the event of a communication error.
The second and most common reason is that, the receiver does
not acknowledge to deliberately end an operation. For example,
during a read operation, the FM24V01A will continue to place
data on the bus as long as the receiver sends acknowledges
(and clocks). When a read operation is complete and no more
data is needed, the receiver must not acknowledge the last byte.
If the receiver acknowledges the last byte, this causes the
FM24V01A to attempt to drive the bus on the next clock while the
master is sending a new command such as STOP.
Figure 3. START and STOP Conditions
full pagewidth
SDA
SCL
P
STOP Condition
SDA
SCL
S
START Condition
Figure 4. Data Transfer on the I2C Bus
handbook, full pagewidth
S
or
P
SDA
S
P
SCL
STOP or
START
condition
S
START
condition
2
3
4 - 8
9
ACK
9
ACK
78
12
MSB
Acknowledgement
signal from slave
Byte complete
Acknowledgement
signal from receiver
1
Figure 5. Acknowledge on the I2C Bus
handbook, full pagewidth
S
START
Condition
9
8
2
1
Clock pulse for
acknowledgement
No Acknowledge
Acknowledge
DATA OUTPUT
BY MASTER
DATA OUTPUT
BY SLAVE
SCL FROM
MASTER


Numéro de pièce similaire - FM24V01A

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results

Description similaire - FM24V01A

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com