Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBC050-BDC-WP Fiches technique(PDF) 4 Page - Cymbet Corporation

No de pièce CBC050-BDC-WP
Description  Rechargeable Solid State Bare Die Batteries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYMBET [Cymbet Corporation]
Site Internet  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC050-BDC-WP Fiches technique(HTML) 4 Page - Cymbet Corporation

  CBC050-BDC-WP Datasheet HTML 1Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 2Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 3Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 4Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 5Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 6Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 7Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 8Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EnerChip™ Bare Die Batteries
©2016 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-41 Rev06
Page 4 of 13
Preliminary
Operating Characteristics - CBC050
Parameter
Condition
Min
Typical
Max
Units
Discharge Cutoff Voltage
25°C
3.0(1)
-
-
V
Charge Voltage
25°C
4.0(2)
4.1
4.3
V
Pulse Discharge Current
25°C
Variable - see App. Note 1025
-
Cell Resistance (25°C)
Charge cycle 2
-
500
1250
Charge cycle 1000
-
2250
5000
Self-Discharge (5-yr. average; 25°C)
Non-recoverable
-
2.5
-
% per year
Recoverable
-
1.5(3)
-
% per year
Operating Temperature
-
-40
25
+70
°C
Storage Temperature
-
-40
-
125(4)
°C
Recharge Cycles
(to 80% of rated
capacity; 4.1V charge
voltage)
25°C
10% depth-of-discharge
5000
-
-
cycles
50% depth-of discharge
1000
-
-
cycles
40°C
10% depth-of-discharge
2500
-
-
cycles
50% depth-of-discharge
500
-
-
cycles
Recharge Time (to 80% of rated capacity;
4.1V charge voltage)(5)
Charge cycle 2
-
20
35
minutes
Charge cycle 1000
-
60
95
Capacity
100µA discharge; 25°C
50
-
-
µAh
(1) Failure to cutoff the discharge voltage at 3.0V will result in EnerChip performance degradation.
(2) Charging at 4.0V will charge the cell to approximately 70% of its rated capacity.
(3) First month recoverable self-discharge is 5% average.
(4) Storage temperature is for uncharged EnerChip.
(5) EnerChip charging time and cell resistance increase approximately 2x per 10°C decrease in temperature.
CBC050 EnerChip Discharge Characteristics
Note: All specifications contained within this document are subject to change without notice.


Numéro de pièce similaire - CBC050-BDC-WP

FabricantNo de pièceFiches techniqueDescription
logo
Cymbet Corporation
CBC050-BDC-WP CYMBET-CBC050-BDC-WP Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
CBC050-BDC-WP CYMBET-CBC050-BDC-WP Datasheet
985Kb / 4P
   Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
More results

Description similaire - CBC050-BDC-WP

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
B73180A0101M062 TDK-B73180A0101M062 Datasheet
151Kb / 2P
   SMD Solid-State Batteries
April 06, 2022
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
logo
Panasonic Battery Group
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
logo
List of Unclassifed Man...
ML2016 ETC2-ML2016 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Silicon Supplies
BC546 SS-BC546 Datasheet
362Kb / 4P
   NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
   PNP Transistor Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com