Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBC-EVAL-11 Fiches technique(PDF) 1 Page - Cymbet Corporation

No de pièce CBC-EVAL-11
Description  EnerChip??CC Inductive Charging Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYMBET [Cymbet Corporation]
Site Internet  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-11 Fiches technique(HTML) 1 Page - Cymbet Corporation

  CBC-EVAL-11 Datasheet HTML 1Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 2Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 3Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 7Page - Cymbet Corporation CBC-EVAL-11 Datasheet HTML 8Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-14 Rev D
Page 1 of 8
CBC-EVAL-11
Overview
CBC-EVAL-11 is a demonstration kit combining an
inductive transmitter board with a receiver board
containing an EnerChip CC CBC3150 solid state
storage device with integrated power management.
The transmitter board operates at 13.56 MHz and
derives its power from a USB port. In addition to
the EnerChip CC, the receiver board has a planar
antenna for receiving power from the transmitter
board, an output capacitor for delivering pulse
current for radio transmissions, and a header
connector for mating to a target board containing,
for example, a microcontroller and/or radio board. A
block diagram of CBC-EVAL-11 is shown in Figure 1.
Features
• Inductively-Coupled Charging Circuit
• Power Manager with Charge Control
• Microcontroller/Radio Interface Signals
• Integrated 50µAh Solid State Energy Storage
• Built-in Protection of Energy Storage Device
• Temperature Compensated Charge Control
• Adjustable Switchover Voltage
• Low Self-Discharge
• SMT - Lead-Free Reflow Tolerant
• Thousands of Recharge Cycles
• Eco-Friendly, RoHS Compliant
Applications
• Rechargeable power source
eliminates cost of
replacing conventional batteries.
• Wireless sensors, data loggers, and RFID tags
and other powered, low duty cycle applications.
Contactless recharging.
• Localized power source
to keep microcontrollers
and other devices alert in standby mode.
• Medical devices
such as ‘smart’ bandages,
external biological sensors, and patient
monitoring. No direct connection needed to/
from power supply; can be hermetically sealed.
• Industrial systems
such as data logging in cold-
chain time and temperature monitoring.
• Inductive Coupling
allows convenient means of
recharging integrated EnerChip for thousands of
uses in RFID, sensor, and wireless transmitter
applications.
Figure 2: CBC-EVAL-11 Evaluation Kit.
PCB colors may be green or red.
EnerChip™ CC Inductive Charging Evaluation Kit
Figure 1: Block Diagram of CBC-EVAL-11 Evaluation Kit -
transmitter board (top) and receiver board (bottom).
Product Discontinued - Not for New Designs


Numéro de pièce similaire - CBC-EVAL-11

FabricantNo de pièceFiches techniqueDescription
logo
Cymbet Corporation
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 6P
   Using the EnerChip Energy Harvesters with the TI LaunchPad
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
574Kb / 4P
   Silicon Labs RF-to-USB2 Cymbet EH Demos
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
More results

Description similaire - CBC-EVAL-11

FabricantNo de pièceFiches techniqueDescription
logo
Cymbet Corporation
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
DS-72-40 CYMBET-DS-72-40 Datasheet
2Mb / 17P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-06 CYMBET-CBC-EVAL-06 Datasheet
1Mb / 11P
   EnerChip??CC Real-Time Clock Evaluation Kit
DS-72-35 CYMBET-DS-72-35 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-37 CYMBET-DS-72-37 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-39 CYMBET-DS-72-39 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com