Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1378 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SK1378
Description  Drain Current ?밒D=10A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1378 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1378 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1378 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1378
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 0.25mA
400
V
VGS(th)
Gate Threshold Voltage
VDS=10 VGS; ID=0.25mA
2.0
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=5A
0.35
0.55
Ω
IGSS
Gate Source Leakage Current
VGS= ±25V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=400V; VGS= 0
250
uA
tr
Rise time
VGS=10V;ID=10A;RL=20Ω
16
ns
ton
Turn-on time
40
ns
tf
Fall time
14
ns
toff
Turn-off time
80
ns
PDF pdfFactory Pro
www.fineprint.cn


Numéro de pièce similaire - 2SK1378

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2SK1378 ETC-2SK1378 Datasheet
41Kb / 1P
   2SK1378
logo
VBsemi Electronics Co.,...
2SK1378 VBSEMI-2SK1378 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Description similaire - 2SK1378

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK1012 ISC-2SK1012 Datasheet
68Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK757 ISC-2SK757 Datasheet
66Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK1660 ISC-2SK1660 Datasheet
69Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK633 ISC-2SK633 Datasheet
64Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK634 ISC-2SK634 Datasheet
64Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK751 ISC-2SK751 Datasheet
64Kb / 2P
   Drain Current ?밒D= 10A@ TC=25C
2SK1488 ISC-2SK1488 Datasheet
66Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK1515 ISC-2SK1515 Datasheet
67Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK724 ISC-2SK724 Datasheet
58Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com