Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DBFE-045U192-00 Fiches technique(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

No de pièce DBFE-045U192-00
Description  0-10V Dimmable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Site Internet  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFE-045U192-00 Fiches technique(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  DBFE-045U192-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFE-045U192-00 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● EMI: Meets CE / Meets FCC
● Surge: Line to Line 2 kV; Line to FG 4kV
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty: 5 years (refer to LinkCom warranty policy)
● RoHS Compliant
● Safety: Meets UL
0.7 A / 100 Vac
Range: 47-63 Hz, Normal: 50-60 Hz
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
DC OUTPUT
POWER(W)
±5%
84%
2.5
±5%
3000 ms at Full Load 115 Vac / 230 Vac
TURN ON DELAY TIME
0-10V Dimmable
Constant Current Mode
45-DBFE Series
14-24
14-24
FEATURES:
ACTIVE POWER FACTOR
LEAKAGE CURRENT
THD
COLD START 43 A @ 230 Vac
0.75 mA / 264 Vac
INRUSH CURRENT (typ)
> 0.95 @ 115 Vac / > 0.9 @ 277 Vac
EFFICIENCY
1.9
DC OUTPUT
VOLTAGE(V)
1.75
OUTPUT
CURRENT(A)
OUTPUT
CURRENT
TOLERANCE
84%
OVER CURRENT PROTECTION
INPUT FREQUENCY
AC CURRENT
SHORT CIRCUIT PROTECTION
< 20%
O/P NOISE(P-P,V)
45.6
SCP will restart automatically after the fault condition is removed
OVP will restart automatically after the fault condition is removed
OTP will restart automatically after the fault condition is removed
OVER TEMP. PROTECTION
OVER VOLTAGE PROTECTION
ISOLATION RESISTANCE
Meets FCC Part15 / Meets EN55015
I/P-O/P: 4.242 kVdc , I/P-FG: 2.5 kVdc, I/P-CASE: 2.5 kVdc
-20℃ ~ +60 ℃ @ Full Load
OPERATING TEMP.
RELATIVE HUMIDITY
SAFETY
-40℃ ~ +80℃
10% to +90%, non-cond.
WITHSTAND VOLTAGE
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
(6) 100% Production Tested.
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
*REFERENCE: www.linkcom.com.tw
● AC Input 90~305 Vac Nominal
PRODUCT SPECIFICATION
42
DBFE-045U172-00
DBFE-045U192-00
MODEL
(1) All parameters specified at 230 Vac input unless otherwise noted.
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, pk-pk at 20MHz bandwidth.
NA
I/P-O/P: 100M Ω / 500 Vdc / 25℃ / 70% RH
163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】
DIMENSION (L*W*H)
EMI
Meets UL 60950-1
STORAGE TEMP.
INPUT VOLTAGE RANGE
● Protection: SCP / OVP / OTP
● High Operating Ambient Temp.: -20℃~+60℃
● Power Factor: > 0.95 @ 115 VAC / > 0.9 @ 277 VAC
● Surge Protection: L-N 1 kV, L/N-FG 2 kV
ELECTRICAL SPECIFICATION
● T.H.D: <20%
2.5
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Numéro de pièce similaire - DBFE-045U192-00

FabricantNo de pièceFiches techniqueDescription
logo
LinkCom Manufacturing C...
DBFE-040U351 LINKCOM-DBFE-040U351 Datasheet
501Kb / 6P
   40W 0-10V Dimmable
DBFE-040U501 LINKCOM-DBFE-040U501 Datasheet
501Kb / 6P
   40W 0-10V Dimmable
DBFE-040U701 LINKCOM-DBFE-040U701 Datasheet
501Kb / 6P
   40W 0-10V Dimmable
More results

Description similaire - DBFE-045U192-00

FabricantNo de pièceFiches techniqueDescription
logo
LinkCom Manufacturing C...
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
   0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
   0-10V Dimmable
40-DBFE LINKCOM-40-DBFE Datasheet
501Kb / 6P
   40W 0-10V Dimmable
logo
Dialog Semiconductor
IW3631 DIALOG-IW3631 Datasheet
381Kb / 7P
   Two-Stage, Flickerless??0-10V Dimmable Digital
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com