Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD20011CUG Fiches technique(PDF) 2 Page - LightKey Optoelectronics Ltd.

No de pièce LD20011CUG
Description  2.00 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGHTKEY [LightKey Optoelectronics Ltd.]
Site Internet  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD20011CUG Fiches technique(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD20011CUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD20011CUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD20011CUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121745
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.00 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
Selection Guide
Single Digit 16 Segment LED Display, Digit Height: 50.80mm(2.00inch), External Dimensions:
45.00x65.00x11.00mm (L x W x H )
Part No.
Chip
IV@IF=40mA
Iv@IF=40mA
One Seg
One Seg
A,D,G,H,K,L or DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD20011CR
LD20011DR
GaAlAs
Super Red
640
48
60
24
30
LD20011CD
LD20011DD
GaAlAs
Hi-Red
640
108
150
54
75
LD20011CO
LD20011DO
GaAlAs
Orange
625
42
54
21
27
LD20011CY
LD20011DY
GaAlAs
Yellow
588
48
60
24
30
LD20011CG
LD20011DG
GaP
Green
568
42
54
21
27
LD20011CUR
LD20011DUR
AlGaInP
Ultra Red
640
180
270
90
135
LD20011CUO
LD20011DUO
AlGaInP
Ultra Orange
625
270
360
135
180
LD20011CUA
LD20011DUA
AlGaInP
Ultra Amber
605
180
270
90
135
LD20011CUY
LD20011DUY
AlGaInP
Ultra Yellow
595
180
270
90
135
LD20011CUG
LD20011DUG
AlGaInP
Ultra Green
573
180
270
90
135
LD20011CPG
LD20011DPG
InGaN
Pure Green
525
720
1800
360
900
LD20011CUB
LD20011DUB
InGaN
Ultra Blue
470
180
270
90
135
LD20011CUW
LD20011DUW
SMD
Ultra White
\
600
720
300
360
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Numéro de pièce similaire - LD20011CUG

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AD LIGHTKEY-LD20011AD Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AG LIGHTKEY-LD20011AG Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AO LIGHTKEY-LD20011AO Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011APG LIGHTKEY-LD20011APG Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
More results

Description similaire - LD20011CUG

FabricantNo de pièceFiches techniqueDescription
logo
LightKey Optoelectronic...
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015E LIGHTKEY-LD5015E Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD10017AB LIGHTKEY-LD10017AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com