Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2398 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SK2398
Description  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK2398 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK2398 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK2398 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK2398
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 10mA
60
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=1mA
1.5
3.0
V
VSD
Diode Forward on-Voltage
IS= 45A ;VGS= 0
1.8
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 25A
0.03
Ω
IGSS
Gate-Body Leakage Current
VGS= ±16V;VDS= 0
±10
µA
IDSS
Zero Gate Voltage Drain Current
VDS= 60V; VGS= 0
100
µA
Ciss
Input Capacitance
VDS=25V;
VGS=0V;
fT=1MHz
1800
pF
Crss
Reverse Transfer Capacitance
350
Coss
Output Capacitance
900
tr
Rise Time
VGS=10V;
ID=25A;
VDD=30V;
RL=1.2Ω
20
ns
ton
Turn-on Time
30
tf
Fall Time
40
toff
Turn-off Time
130
PDF pdfFactory Pro
www.fineprint.cn


Numéro de pièce similaire - 2SK2398

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
290Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2398 TOSHIBA-2SK2398 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2398 TOSHIBA-2SK2398 Datasheet
454Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK2398 TOSHIBA-2SK2398 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2398 TOSHIBA-2SK2398_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
More results

Description similaire - 2SK2398

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com