Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA78M05 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UA78M05
Description  POSITIVE-VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA78M05 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UA78M05 Datasheet HTML 2Page - Texas Instruments UA78M05 Datasheet HTML 3Page - Texas Instruments UA78M05 Datasheet HTML 4Page - Texas Instruments UA78M05 Datasheet HTML 5Page - Texas Instruments UA78M05 Datasheet HTML 6Page - Texas Instruments UA78M05 Datasheet HTML 7Page - Texas Instruments UA78M05 Datasheet HTML 8Page - Texas Instruments UA78M05 Datasheet HTML 9Page - Texas Instruments UA78M05 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
The
µA78M10 and µA78M15 are
obsolete and are no longer supplied
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059K – JUNE 1976 – REVISED FEBRUARY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 11 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M06C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Ot
t
lt
IO =5mAto350 mA
VI =8Vto21V
5.75
6
6.25
V
Output voltage
IO = 5 mA to 350 mA,
VI = 8 V to 21 V
TJ = 0°C to 125°C
5.7
6.3
V
Input voltage regulation
IO = 200 mA
VI = 8 V to 25 V
5
100
mV
Input voltage regulation
IO = 200 mA
VI = 9 V to 25 V
1.5
50
mV
Ripple rejection
VI = 9 V to 19 V,
f = 120 Hz
IO = 100 mA,
TJ = 0°C to 125°C
59
dB
j
I
,
IO = 300 mA
59
80
Output voltage regulation
IO = 5 mA to 500 mA
20
120
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
60
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
45
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
Bias current change
VI = 9 V to 25 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
270
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
electrical characteristics at specified virtual junction temperature, VI = 14 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M08C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Ot
t
lt
VI =10 5Vto23V
IO =5mAto350 mA
7.7
8
8.3
V
Output voltage
VI = 10.5 V to 23 V,
IO = 5 mA to 350 mA
TJ = 0°C to 125°C
7.6
8.4
V
Input voltage regulation
IO = 200 mA
VI = 10.5 V to 25 V
6
100
mV
Input voltage regulation
IO = 200 mA
VI = 11 V to 25 V
2
50
mV
Ripple rejection
VI = 11.5 V to 21.5 V,
IO = 100 mA,
TJ = 0°C to 125°C
56
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
56
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
25
160
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
80
mV
Temperature coefficient
of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
52
µV
Dropout voltage
2
V
Bias current
4.6
6
mA
Bias current change
VI = 10.5 V to 25 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
250
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.


Numéro de pièce similaire - UA78M05

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78M05 TI1-UA78M05 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M05 TI1-UA78M05 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05 TI1-UA78M05 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
234Kb / 11P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Description similaire - UA78M05

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com