Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8030HL Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA8030HL
Description  USB smart card reader (OTP or ROM)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030HL Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA8030HL Datasheet HTML 1Page - NXP Semiconductors TDA8030HL Datasheet HTML 2Page - NXP Semiconductors TDA8030HL Datasheet HTML 3Page - NXP Semiconductors TDA8030HL Datasheet HTML 4Page - NXP Semiconductors TDA8030HL Datasheet HTML 5Page - NXP Semiconductors TDA8030HL Datasheet HTML 6Page - NXP Semiconductors TDA8030HL Datasheet HTML 7Page - NXP Semiconductors TDA8030HL Datasheet HTML 8Page - NXP Semiconductors TDA8030HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
2003 Jul 04
3
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
1
FEATURES
• 83C51 core with 16 kbytes EPROM (ROM); 256 bytes
RAM; 512 bytes AUXRAM; Timer 0,1, 2 and enhanced
UART
• Full speed USB interface device which complies with
USB 1.1 specification; accessible with MOVX
instructions
• Control input and output; 1 generic input and output and
2 generic input end-points
• Compatible with bus powered and suspend mode
supply current requirements
• Specific ISO7816 UART; accessible with MOVX
instructions for automatic convention processing;
variable baud rate through frequency or division ratio
programming; error management at character level for
T = 0 protocol; extra guard time register
• VCC generation (5 or 3 V maximum current 55 mA or
1.8 V maximum current 35 mA) with controlled
rise and fall times; current limitation and overload
detection at 100 mA
• Cards clock generation with three times synchronous
frequency doubling (12, 6, 3 and 1.5 MHz)
• Cards clock STOP HIGH or LOW or 1.25 MHz (from an
integrated oscillator) for cards power reduction mode
• Automatic activation and deactivation sequences
through an independent sequencer
• Supports the asynchronous protocols T = 0 and T = 1 in
accordance with ISO7816 and EMV
• Versatile 24-bit time-out counter for Answer To Reset
(ATR) and waiting times processing
• Supports synchronous cards
• Specific Elementary Time Unit (ETU) counter for Block
Guard Time (BGT)
• Current limitations on cards contacts and emergency
deactivation in case of over consumption or overheating
• Special circuitry for killing spikes during power-on or
power-off
• Supply supervisor for power-on or power-off reset
• High efficiency inductive DC-to-DC converter for VCC
generation
• Soft switch on for avoiding current inrush at plug in
• Enhanced ESD protections on cards contacts (6 kV
minimum)
• Software library for easy integration within the
application.
2
APPLICATIONS
• Smart card readers for PC’s or Set Top Boxes.
3
GENERAL DESCRIPTION
The TDA8030; TDA8031 is a bus powered full-speed USB
device. All analog and digital functions for an EMV
compliant Smart Card Reader are built-in. The embedded
83C51 microcontroller has 16 kbytes EPROM (ROM for
TDA8031), 256 bytes RAM and 512 bytes of AUXRAM.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8030HL
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2
TDA8031HL


Numéro de pièce similaire - TDA8030HL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8034HN NXP-TDA8034HN Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8035C1 NXP-TDA8035C1 Datasheet
918Kb / 32P
   Smart card interface externally by a resistor bridge
Rev. 1.0-19 April 2011
More results

Description similaire - TDA8030HL

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com