Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA16846 Fiches technique(PDF) 16 Page - Infineon Technologies AG

No de pièce TDA16846
Description  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Fiches technique(HTML) 16 Page - Infineon Technologies AG

Back Button TDA16846 Datasheet HTML 12Page - Infineon Technologies AG TDA16846 Datasheet HTML 13Page - Infineon Technologies AG TDA16846 Datasheet HTML 14Page - Infineon Technologies AG TDA16846 Datasheet HTML 15Page - Infineon Technologies AG TDA16846 Datasheet HTML 16Page - Infineon Technologies AG TDA16846 Datasheet HTML 17Page - Infineon Technologies AG TDA16846 Datasheet HTML 18Page - Infineon Technologies AG TDA16846 Datasheet HTML 19Page - Infineon Technologies AG TDA16846 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
16
2000-01-14
3
Protection Functions
The chip has several protection functions:
Current Limiting
See “Primary Current Simulation PCS (Pin 2) / Current Limiting” and “Fold Back Point
Correction PVC (Pin 11)”.
Over- and Undervoltage Lockout OV/SVC (Pin 14)
When
V
14 at Pin 14 exceeds 16 V, e. g. due to a fault in the regulation circuit, the Error
Flip Flop ERR is set and the output driver is shut-down. When
V
14 goes below the lower
SVC threshold, ERR is reset and the driver output (Pin 13) and the soft-start (Pin 4) are
shut down and actively held low.
Primary Voltage Check PVC (Pin 11)
When the voltage
V
11 at Pin 11 goes below 1 V the Error Flip Flop (ERR) is set. E.g. a
voltage divider from the rectified mains at Pin 11 prevents from high input currents at too
low input voltage.
Free Usable Fault Comparator FC1 (Pin 10)
When the voltage at Pin 10 exceeds 1 V, the Error Flip Flop (ERR) is set. This can be
used e. g. for mains overvoltage shutdown.
Free Usable Fault Comparator FC2 (Pin 6)
When the voltage at Pin 6 exceeds 1.2 V, the Error Flip Flop (ERR) is set. A resistor
between Pin 9 (REF) and ground is necessary to enable this fault comparator.
Voltage dependent Ringing Suppression Time
During start-up and short-circuit operation, the output voltage of the converter is low and
parasitic zero crossings are applied for a longer time at Pin 3. Therefore the Ringing
Suppression Time TC1 (see “Off-Time Circuit OTC (Pin 1)”) is made longer with
factor 2.5 at low output voltage. To ensure start-up of the circuit, the value of resistor
R
1
(Pin 1, Figure 6) must be higher than 20 k
Ω.


Numéro de pièce similaire - TDA16846

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

Description similaire - TDA16846

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com