Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1935D Fiches technique(PDF) 9 Page - Zarlink Semiconductor Inc

No de pièce SL1935D
Description  Single Chip Synthesized Zero IF Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1935D Fiches technique(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SL1935D Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 9Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 10Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 11Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 12Page - Zarlink Semiconductor Inc SL1935D Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
SL1935
BB837
BB837
BB831
BB831
1k
Vcnt
4mm STRIPLINE
4mm STRIPLINE
10mm STRIPLINE
10mm STRIPLINE
6
7
9
10
Tanks
Tanksb
Tankv
Tankvb
"vcos"
1k
2k
2k
"vcov"
NOTE:
Stripline width = 0.44mm
(dimensions are approximate)
60
65
70
75
80
85
90
95
100
105
110
-10
Converter gain seting (dB) from RF inputs OFIA/OFQA or OFIB/OFQB outputs
0
10
20
30
40
50
60
20
25
30
35
40
45
50
55
60
65
70
75
80
System gain (dB) assuming 6dB interstage filter loss
-5
0
5
10
15
20
25
30
35
40
45
Figure 7. Variation in P1dB with converter gain (typical)
Figure 8. Variation in NF with system gain (typical)
Figure 9. Local oscillator application circuit


Numéro de pièce similaire - SL1935D

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
SL19 BILIN-SL19 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1S ZARLINK-SL1914AMP1S Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
More results

Description similaire - SL1935D

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD6134AF TOSHIBA-TD6134AF_02 Datasheet
321Kb / 6P
   ECL Prescaler For Digital Synthesized Tuner
logo
Renesas Technology Corp
M61140FP RENESAS-M61140FP Datasheet
760Kb / 28P
   Tuner Single Chip
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com