Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2471D3W Fiches technique(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No de pièce SD2471D3W
Description  Mobile Phones and Accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Site Internet  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD2471D3W Fiches technique(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD2471D3W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD2471D3W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD2471D3W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VRWM
(V)
VBR
(V)
IT
(mA)
VC
@10A
Vc
IR
μA
(Max)
C
(Pf)
(Typ.)
(Max)
(@A)
SD2471D3W
74D
26.7
19.6
1
42
55
30
0.1
200
Characteristic Curves
Rev : 01.06.2014
2/3
www.leiditech.com
Junction Capacitance vs. Reverse Voltage
Power Derating Curve
8 X 20uS Pulse Waveform
0
10
20
30
40
50
60
70
0
20
40
60
80
100
Peak Pulse Current_Ipp (A)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature_Ta(℃)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Time_t(uS)
Clamping Voltage vs. Peak Pulse Current
SD2471D3W
0.1
1
10
100
0.1
1
10
100
1000
Pulse Duration - tp (µs)
TA = 25OC


Numéro de pièce similaire - SD2471D3W

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
SD2471P6W LEIDITECH-SD2471P6W Datasheet
3Mb / 3P
   1-Line Uni-directional TVS Diode
More results

Description similaire - SD2471D3W

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
SD0581D3W LEIDITECH-SD0581D3W Datasheet
1Mb / 4P
   Mobile Phones and Accessories
SD0771D3W LEIDITECH-SD0771D3W Datasheet
715Kb / 3P
   Mobile Phones and Accessories
SD3671D3W LEIDITECH-SD3671D3W Datasheet
759Kb / 3P
   Mobile Phones and Accessories
SD1271D3W LEIDITECH-SD1271D3W Datasheet
707Kb / 3P
   Mobile Phones and Accessories
SD0371D3W LEIDITECH-SD0371D3W Datasheet
643Kb / 3P
   Mobile Phones and Accessories
SD0571D3W LEIDITECH-SD0571D3W Datasheet
783Kb / 3P
   Mobile Phones and Accessories
SD1571D3W LEIDITECH-SD1571D3W Datasheet
840Kb / 3P
   Mobile Phones and Accessories
SD1871D3W LEIDITECH-SD1871D3W Datasheet
728Kb / 3P
   Mobile Phones and Accessories
logo
OmniVision Technologies...
OV5680 OMNIVISION-OV5680 Datasheet
597Kb / 2P
   Cellular and Mobile Phones
logo
Epson Company
S1F77330B0A EPSON-S1F77330B0A Datasheet
199Kb / 8P
   Mobile communication equipment (mobile phones, cordless phones, and wireless communication devices)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com