Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS72108TP-12 Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS72108TP-12
Description  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72108TP-12 Fiches technique(HTML) 1 Page - GSI Technology

  GS72108TP-12 Datasheet HTML 1Page - GSI Technology GS72108TP-12 Datasheet HTML 2Page - GSI Technology GS72108TP-12 Datasheet HTML 3Page - GSI Technology GS72108TP-12 Datasheet HTML 4Page - GSI Technology GS72108TP-12 Datasheet HTML 5Page - GSI Technology GS72108TP-12 Datasheet HTML 6Page - GSI Technology GS72108TP-12 Datasheet HTML 7Page - GSI Technology GS72108TP-12 Datasheet HTML 8Page - GSI Technology GS72108TP-12 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev: 1.08 7/2002
1/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72108TP/J
256K x 8
2Mb Asynchronous SRAM
8, 10, 12, 15 ns
3.3 V VDD
Center VDD and VSS
SOJ, TSOP
Commercial Temp
Industrial Temp
Features
• Fast access time: 8, 10, 12, 15 ns
• CMOS low power operation: 150/125/110/90 mA at
minimum cycle time.
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up
J: 400 mil, 36-pin SOJ package
TP: 400 mil, 44-pin TSOP Type II package
Description
The GS72108 is a high speed CMOS Static RAM organized as
262,144 words by 8 bits. Static design eliminates the need for
external clocks or timing strobes. The GS operates on a single
3.3 V power supply and all inputs and outputs are TTL-com-
patible. The GS72108 is available in 400 mil SOJ and 400 mil
TSOP Type-II packages.
Pin Descriptions
SOJ 256K x 8-Pin Configuration
Symbol
Description
A0–A17
Address input
DQ1–DQ8
Data input/output
CE
Chip enable input
WE
Write enable input
OE
Output enable input
VDD
+3.3 V power supply
VSS
Ground
NC
No connect
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A4
A3
A2
A1
A0
CE
DQ1
DQ2
VDD
VSS
DQ3
DQ4
WE
A17
A16
A15
NC
A5
A6
A7
A8
OE
DQ8
DQ7
VSS
VDD
DQ6
DQ5
A9
A10
A11
A12
36-pin
400 mil SOJ
17
18
A14
A13
20
19
NC
NC


Numéro de pièce similaire - GS72108TP-12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS72108AGP-10 ETC1-GS72108AGP-10 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-10I ETC1-GS72108AGP-10I Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-12 ETC1-GS72108AGP-12 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-12I ETC1-GS72108AGP-12I Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-7 ETC1-GS72108AGP-7 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

Description similaire - GS72108TP-12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com