Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB020N03KN3-0-T1-G Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce MTB020N03KN3-0-T1-G
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KN3-0-T1-G Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  MTB020N03KN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KN3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143N3
Issued Date : 2016.01.21
Revised Date : 2016.02.22
Page No. : 2/9
MTB020N03KN3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TA=25
°C, VGS=10V (Note 3)
5.9
Continuous Drain Current @ TA=70
°C, VGS=10V (Note 3)
ID
4.7
Pulsed Drain Current (Notes 1, 2)
IDM
34
A
PD
1.38
W
Maximum Power Dissipation@ TA=25℃ (Note 3)
Linear Derating Factor
0.01
W/
°C
Operating Junction and Storage Temperature Range
Tj ; Tstg
-55~+150
°C
Note : 1. Pulse width limited by maximum junction temperature.
2. Pulse width≤ 300μs, duty cycle≤2%.
3. Surface mounted on 1 in² copper pad of FR-4 board; 270
°C/W when mounted on minimum copper pad
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient, max
(Note)
RθJA
90
Thermal Resistance, Junction-to-Case, max
RθJC
60
°C/W
Note : Surface mounted on 1 in² copper pad of FR-4 board; 270
°C/W when mounted on minimum copper pad
Electrical Characteristics (Tj=25
°C, unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
VGS=0V, ID=250μA
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±
10
VGS=±16V, VDS=0V
-
-
1
VDS=30V, VGS=0V
IDSS
-
-
25
μA
VDS=24V, VGS=0V(Tj=70°C)
-
17.1
23
VGS=10V, ID=5A
*RDS(ON)
-
21.1
28
m
Ω
VGS=4.5V, ID=4A
*GFS
-
4.5
-
S
VDS=10V, ID=4A
Dynamic
Ciss
-
450
-
Coss
-
79
-
Crss
-
60
-
pF
VDS=15V, VGS=0V, f=1MHz
td(ON)
-
5.8
-
tr
-
18.6
-
td(OFF)
-
33.8
-
tf
-
11.8
-
ns
VDS=15V, ID=1A, VGS=10V, RG=6Ω


Numéro de pièce similaire - MTB020N03KN3-0-T1-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB020N03KN6 CYSTEKEC-MTB020N03KN6 Datasheet
489Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KN6-0-T1-G CYSTEKEC-MTB020N03KN6-0-T1-G Datasheet
489Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - MTB020N03KN3-0-T1-G

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com