Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC637 Fiches technique(PDF) 2 Page - Nanjing International Group Co

No de pièce BC637
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC637 Fiches technique(HTML) 2 Page - Nanjing International Group Co

  BC637 Datasheet HTML 1Page - Nanjing International Group Co BC637 Datasheet HTML 2Page - Nanjing International Group Co BC637 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC635 / BC637 / BC639
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 5 mA
at VCE = 2 V, IC = 150 mA
at VCE = 2 V, IC = 500 mA
BC635
BC637 / BC639
hFE
hFE
hFE
hFE
40
40
40
25
-
250
160
-
-
-
-
-
Collector Cutoff Current
at VCB = 30 V
ICBO
-
100
nA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
BC635
BC637
BC639
V(BR)CBO
45
60
100
-
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
BC635
BC637
BC639
V(BR)CEO
45
60
80
-
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
0.5
V
Base Emitter Voltage
at VCE = 2 V, IC = 500 mA
VBE
-
1
V
Gain Bandwidth Product
at VCE = 5 V, IC = 50 mA, f = 100 MHz
fT
100
-
MHz


Numéro de pièce similaire - BC637

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC637 MOTOROLA-BC637 Datasheet
116Kb / 4P
   High Current Transistors
logo
Continental Device Indi...
BC637 CDIL-BC637 Datasheet
121Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
NXP Semiconductors
BC637 PHILIPS-BC637 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 23
logo
Nanjing International G...
BC637 DGNJDZ-BC637 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC637 SIEMENS-BC637 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
More results

Description similaire - BC637

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com