Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS-04 Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce BAS-04
Description  Low turn-on voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS-04 Fiches technique(HTML) 1 Page - Nanjing International Group Co

  BAS-04 Datasheet HTML 1Page - Nanjing International Group Co BAS-04 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS70 / -04 / -05 / -06
Surface Mount Schottky Barrier Diode
Features
• Low turn-on voltage
• Fast switching
• PN junction guard ring for transient and ESD protection
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
70
V
Non-Repetitive Peak Reverse Voltage
VRSM
70
V
Maximum DC Blocking Voltage
VR
70
V
Average Forward Rectified Current
IF(AV)
70
mA
Peak Forward Surge Current (t < 10 ms)
IFSM
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
O
C/W
Operating Junction Temperature Range
Tj
- 55 to + 125
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 15 mA
VF
-
-
0.41
1
V
Reverse Breakdown Voltage
at IR = 10 µA
V(BR)R
70
-
V
Reverse Current
at VR = 50 V
IR
-
100
nA
Total Capacitance
at VR = 0 , f = 1 MHz
CT
-
2
pF
Reverse Recovery Time
at IF = IR = 10 mA to IR = 1 mA, RL = 100 Ω
trr
-
5
ns
1
3
2
3
1
2
1
3
2
2
1
3
BAS70
BAS70-04
BAS70-05
BAS70-06
SOT-23 Plastic Package
BAS70
Marking Code: 73
BAS70-04 Marking Code: 74
BAS70-05 Marking Code: 75
BAS70-06 Marking Code: 76


Numéro de pièce similaire - BAS-04

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
BAS-04 DGNJDZ-BAS-04 Datasheet
824Kb / 2P
   Low Forward Voltage
More results

Description similaire - BAS-04

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
BAS70WS DGNJDZ-BAS70WS Datasheet
984Kb / 1P
   Low Turn-on Voltage
logo
SHENZHEN YONGERJIA INDU...
BAT54WS WINNERJOIN-BAT54WS Datasheet
230Kb / 3P
   Low turn-on voltage.
logo
Diodes Incorporated
BAS70-7 DIODES-BAS70-7 Datasheet
107Kb / 4P
   Low Turn-on Voltage
logo
SHIKUES Electronics
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
   Low Turn-on Voltage, Fast Switching
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
   Low Turn-on Voltage, Fast Swithing
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
   Low Turn-On Voltage, Fast Switching
logo
SHIKUES Electronics
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
   Low Turn-on Voltage, Fast Switching
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
   Low Turn-on voltage, Fast Switching
logo
Willow Technologies Ltd
682 WILLOW-682 Datasheet
130Kb / 2P
   Zero voltage turn-on SCR output
logo
Texas Instruments
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com