Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56W Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd

No de pièce BAW56W
Description  Dual Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAW56W Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAW56W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAW56W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAW56W Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
BAW56W
Dual Switching Diodes
DEVICE MARKING
BAW56W = A1
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Reverse Voltag
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
PD
200
mW
TA = 25°C
Derate above 25°C
1.6
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
0.625
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate(2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
V(BR)
70
Vdc
(I(BR) = 100
µAdc)
Reverse Voltage Leakage Current
IR
µAdc
(VR = 25 Vdc, TJ = 150°C)
30
(VR = 70 Vdc)
2.5
(VR = 70 Vdc, TJ = 150°C)
50
Diode Capacitance
CD
2.0
pF
(VR = 0, f = 1.0 MHz)
Forward Voltage
VF
mVdc
(IF = 1.0 mAdc)
715
(IF = 10 mAdc)
855
(IF = 60 mAdc)
1000
(IF = 150 mAdc)
1250
Reverse Recovery Time
trr
6.0
ns
(IF = IR = 10 mAdc, RL = 100
Ω, I
R(REC) = 1.0 mAdc) (Figure 1)
1. FR–5 = 1.0 × 0.75 × 0.062 in.
2. Alumina = 0.4 × 0.3 × 0.024 in. 99.5% alumina.
3
ANODE
CATHODE
1
CATHODE
2
Pb-Free Package is Available.
Ordering Information
Device
Marking
Shipping
BAW56W
A1
3000/Tape&Reel
SOT–323
1
2
3
H


Numéro de pièce similaire - BAW56W

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
BAW56W BILIN-BAW56W Datasheet
120Kb / 3P
   Surface mount switching diode
logo
Pan Jit International I...
BAW56W PANJIT-BAW56W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAW56W WTE-BAW56W Datasheet
50Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
KEC(Korea Electronics)
BAW56W KEC-BAW56W Datasheet
349Kb / 1P
   USM PACKAGE
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Diode
More results

Description similaire - BAW56W

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
   Dual Switching Diodes
logo
First Silicon Co., Ltd
FDS70U FS-FDS70U Datasheet
244Kb / 4P
   Dual Switching Diodes
logo
RFE international
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
   Dual Switching Diodes
27-01-2022
BAV99 RFE-BAV99 Datasheet
832Kb / 3P
   Dual Switching Diodes
08-MAY-2023
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
   Dual Switching Diodes
logo
Yea Shin Technology Co....
BAV70W YEASHIN-BAV70W Datasheet
661Kb / 3P
   Dual Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
MMBD2835 SEMTECH_ELEC-MMBD2835 Datasheet
145Kb / 2P
   Dual Switching Diodes
logo
RFE international
BAW56 RFE-BAW56 Datasheet
1Mb / 3P
   Dual Switching Diodes
27-01-2022
logo
Leshan Radio Company
LBAW56WT1G LRC-LBAW56WT1G_15 Datasheet
181Kb / 3P
   Dual Switching Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com