Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF07G Fiches technique(PDF) 3 Page - Nanjing International Group Co

No de pièce UF07G
Description  1 Amp Ultra Fast Recovery
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF07G Fiches technique(HTML) 3 Page - Nanjing International Group Co

  UF07G Datasheet HTML 1Page - Nanjing International Group Co UF07G Datasheet HTML 2Page - Nanjing International Group Co UF07G Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
5
10
15
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30


Numéro de pièce similaire - UF07G

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Taychipst Elec...
UF07G TAYCHIPST-UF07G Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07G LUGUANG-UF07G Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07G CHENDA-UF07G Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Diode Semiconductor Kor...
UF07G DSK-UF07G Datasheet
266Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
SUNMATE electronic Co.,...
UF07G SUNMATE-UF07G Datasheet
322Kb / 2P
   SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
More results

Description similaire - UF07G

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
   1 Amp Ultra Fast Recovery
UFM11 DGNJDZ-UFM11 Datasheet
962Kb / 3P
   1 Amp Ultra Fast Recovery
logo
Micro Commercial Compon...
ER1A MCC-ER1A_06 Datasheet
263Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Solid States Devices, I...
SDR1A SSDI-SDR1A Datasheet
125Kb / 2P
   1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
logo
Nanjing International G...
DSF1A DGNJDZ-DSF1A Datasheet
336Kb / 2P
   1 Amp Super Fast Recovery
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
   1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N5615 NJSEMI-1N5615 Datasheet
104Kb / 1P
   RECTIFIERS Fast Recovery, 1 Amp
logo
Nanjing International G...
SFM11PL DGNJDZ-SFM11PL Datasheet
105Kb / 2P
   1 Amp Super Fast Recovery
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com