Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP125 Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce TIP125
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TIP125 Fiches technique(HTML) 1 Page - Nanjing International Group Co

  TIP125 Datasheet HTML 1Page - Nanjing International Group Co TIP125 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220-3L Plastic-Encapsulate Transistors
TIP120,121,122
Darlington TRANSISTOR (NPN)
TIP125,126,127 Darlington TRANSISTOR (PNP)
FEATURES
Medium Power Complementary
Silicon Transistors
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
TIP120
TIP125
TIP121
TIP126
TIP122
TIP127
Unit
VCBO
Collector-Base Voltage
60
80
100
V
VCEO
Collector-Emitter Voltage
60
80
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance Junction to Ambient
62.5
℃/W
RθJc
Thermal Resistance Junction to Case
1.92
℃/W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55to+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
M
ax
Unit
Collector-base breakdown voltage
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
V(BR)CBO
IC= 1mA,IE=0
60
80
100
V
Collector-emitter breakdown voltage
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
VCEO(SUS)
IC= 30mA,IB=0
60
80
100
V
Collector cut-off current
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
ICBO
VCB= 60 V, IE=0
VCB= 80 V, IE=0
VCB= 100V, IE=0
0.2
mA
Collector cut-off current
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
ICEO
VCE=30 V, IB=0
VCE=40 V, IB=0
VCE=50 V, IB=0
0.5
mA
Emitter cut-off current
IEBO
VEB=5 V, IC=0
2
mA
hFE(1)
VCE= 3V, IC=0.5A
1000
DC current gain
hFE(2)
VCE= 3V, IC=3 A
1000
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=12mA
IC=5 A,IB=20mA
2
4
V
Base-emitter voltage
VBE
VCE=3V, IC=3 A
2.5
V
Output Capacitance
TIP125,TIP126,TIP127
TIP120,TIP121,TIP122
Cob
VCB=10V, IE=0,f=0.1MHz
300
200
pF
TO-220-3L
1.BASE
2.COLLECTOR
3.EMITTER
B,Aug,2012
DONGGUAN NANJING ELECTRONICS LTD.,


Numéro de pièce similaire - TIP125

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
TIP125 MOSPEC-TIP125 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
ON Semiconductor
TIP125 ONSEMI-TIP125 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
List of Unclassifed Man...
TIP125 ETC2-TIP125 Datasheet
403Kb / 6P
   Darlington Transistors
TIP125 ETC-TIP125 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Motorola, Inc
TIP125 MOTOROLA-TIP125 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Description similaire - TIP125

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com