Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1045L Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce SL1045L
Description  10.0A SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SL1045L Fiches technique(HTML) 1 Page - Nanjing International Group Co

  SL1045L Datasheet HTML 1Page - Nanjing International Group Co SL1045L Datasheet HTML 2Page - Nanjing International Group Co SL1045L Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ý¿­»æÌÑóîéé Ó±´¼»¼ д¿­¬·½ þÙ®»»²þ Ó±´¼·²¹ ݱ³°±«²¼
³³»²¼»¼ °¿¼ ´¿§±«¬ ò
îò ÚÎóì ÐÝÞô ò ݱ°°»®ô ³·²·³«³ ®»½±
øÒ±¬» í÷
̧°·½¿´ ̸»®³¿´ λ­·­¬¿²½» Ö«²½¬·±² ¬± ß³¾·»²¬
éí
óêë ¬± õïëð
Ñ°»®¿¬·²¹ Ì»³°»®¿¬«®» ο²¹»
ͬ±®¿¹» Ì»³°»®¿¬«®» ο²¹»
óêë ¬± õïëð
íðððð
É
pÝ÷
λ°»¬·¬·ª» л¿µ ߪ¿´¿²½¸» б©»®øï«­ôîë
Û¨½»´´»²¬ Ø·¹¸ Ì»³°»®¿¬«®» ͬ¿¾·´·¬§
߬ כּ¼ ÜÝ Þ´±½µ·²¹ ʱ´¬¿¹»
л¿µ 못®­» Ý«®®»²¬
ìë
Ê
íî
Ê
Ú±®©¿®¼ ʱ´¬¿¹» Ü®±°
ã ïðßô
ã ïðßô
ã èß ô ̶ ã îëpÝ
à×
ݸ¿®¿½¬»®·­¬·½
ͧ³¾±´
ÍÔïðìë
˲·¬
É»·¹¸¬æ ðòðçí ¹®¿³­ ø¿°°®±¨ò÷
Ô»¿¼ Ú®»»æ Ú±® αØÍñÔ»¿¼ Ú®»» Ê»®­·±²
Ø·¹¸ ̸»®³¿´ λ´·¿¾·´·¬§
Ë´¬®¿ Ô±© б©»® Ô±­­ô Ø·¹¸ Ûºº·½·»²½§
Ø·¹¸ Ú±©¿®¼ Í«®¹» Ý¿°¿¾·´·¬§
Ó¿¨·³«³ Ö«²½¬·±² Ì»³°»®¬«®» îððfÝ
Þ§°¿­­ Ü·±¼»­ º±® ͱ´¿® п²»´­
ïðòðß ÍËÐÛÎ ÞßÎÎ×ÛÎ ÎÛÝÌ×Ú×ÛÎ
ÍÔïðìë
Ú»¿¬«®»­
!
!
!
!
Ó»½¸¿²·½¿´ Ü¿¬¿
!
!
Ì»®³·²¿´­æ д¿¬»¼ Ô»¿¼­ ͱ´¼»®¿¾´» °»®
Ó×ÔóÍÌÜóîðîô Ó»¬¸±¼ îðè
!
б´¿®·¬§æ Ý¿¬¸±¼» Þ¿²¼
!
!
Ó±«²¬·²¹ б­·¬·±²æ ß²§
!
Ó¿®µ·²¹æ ̧°» Ò«³¾»®
Ó¿¨·³«³ ο¬·²¹­ ¿²¼ Û´»½¬®·½¿´ ݸ¿®¿½¬»®·­¬·½­ àÌ
ßãîëpÝ «²´»­­ ±¬¸»®©·­» ­°»½·º·»¼
Í·²¹´» и¿­»ô ¸¿´º ©¿ª»ô êðئô ®»­·­¬·ª» ±® ·²¼«½¬·ª» ´±¿¼ò
Ú±® ½¿°¿½·¬·ª» ´±¿¼ô ¼»®¿¬» ½«®®»²¬ ¾§ îðûò
л¿µ λ°»¬·¬·ª» 못®­» ʱ´¬¿¹»
ɱ®µ·²¹ л¿µ 못®­» ʱ´¬¿¹»
ÜÝ Þ´±½µ·²¹ ʱ´¬¿¹»
ÊÎÎÓ
ÊÎÉÓ
ÊÎ
ÎÓÍ Î»ª»®­» ʱ´¬¿¹»
ÊÎøÎÓÍ÷
ߪ»®¿¹» 뽬·º·»¼ Ñ«¬°«¬ Ý«®®»²¬
øÒ±¬» ï÷
àÌ
Ô ã çðpÝ
×Ñ
ïðòð
ß
Ò±²óλ°»¬·¬·ª» л¿µ Ú±®©¿®¼ Í«®¹» Ý«®®»²¬ èòí³­
Í·²¹´» ¸¿´º ­·²»ó©¿ª» ­«°»®·³°±­»¼ ±² ®¿¬»¼ ´±¿¼
øÖÛÜÛÝ Ó»¬¸±¼÷
àÌ
Ô ã éëpÝ
×ÚÍÓ
îéë
ß
Ú
ÊÚÓ
ðòìî
ðòìé
Ê
×ÎÓ
ðòí
ïë
³ß
ÌÍÌÙ
Ò±¬»æ ïò Ê¿´·¼ °®±ª·¼»¼ ¬¸¿¬ ´»¿¼­ ¿®» µ»°¬ ¿¬ ¿³¾·»²¬ ¬»³°»®¿¬«®» ¿¬ ¿ ¼·­¬¿²½» ±º çòë³³ º®±³ ¬¸» ½¿­»ò
!
כּ²¬»¼ Í«°»® Þ¿®®·»® 뽬·º·»® Ì»½¸²±´±¹§
!
!
!
̱° Ê·»©
Þ±¬¬±³ Ê·»©
ÔÛÚÌ Ð×Ò
Î×ÙØÌ Ð×Ò
Ò±¬»æ з²­ Ô»º¬ ú η¹¸¬ ³«­¬
¾» »´»½¬®·½¿´´§ ½±²²»½¬»¼
¿¬ ¬¸» °®·²¬»¼ ½·®½«·¬ ¾±¿®¼ò
ÞÑÌÌÑÓÍ×ÜÛ
ØÛßÌ Í×ÒÕ
à×Ú
à×Ú
̶ ã îëpÝ
̶ ã ïîëpÝ
ðòìï
ã ìëÊô
ã ìëÊô
ã ìëÊ ô ̶ ã îëpÝ
Ú
àÊÚ
Ú
̶ ã ïððpÝ
̶ ã ïëðpÝ
éë
àÊ
àÊ
ÐßÎÓ
à
ÊÎ
èðû ÊÎÎÓ
ÊÎ
ëðû ÊÎÎÓ
ÜÝ Ú±®©¿®¼ Ó±¼»
à
Ì
ïèð
îðð
pÝñÉ
øÒ±¬» î÷
íï
Î Öß
íò б´§³·¼» ÐÝÞô ò ݱ°°»®ò Ý¿¬¸±¼» °¿¼ ¼·³»²­·±²­ ïèòè³³ ¨ ïìòì³³ò ß²±¼» °¿¼ ¼·³»²­·±²­ ëòê³³ ¨ ïìòì³³ò


Numéro de pièce similaire - SL1045L

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
SL1045 FORMOSA-SL1045 Datasheet
378Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
SL1045 FORMOSA-SL1045 Datasheet
830Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Microdiode Electronics ...
SL1045 CHENDA-SL1045 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SL1045L

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
SL1045 FORMOSA-SL1045_13 Datasheet
830Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB2045L ZSELEC-SB2045L Datasheet
277Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Formosa MS
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SDB1045L ZSELEC-SDB1045L Datasheet
199Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Formosa MS
SL1045 FORMOSA-SL1045 Datasheet
378Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR10U200P5 DIODES-SBR10U200P5 Datasheet
81Kb / 3P
   10.0A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31234 Rev. 4 - 2
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
   10.0A Schottky BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
10U45 YIXIN-10U45 Datasheet
260Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB1045L CHENDA-SB1045L Datasheet
1Mb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MURB1010CT ZSELEC-MURB1010CT Datasheet
232Kb / 2P
   10.0A GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com