Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1278-3ACPZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADM1278-3ACPZ
Description  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1278-3ACPZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADM1278-3ACPZ Datasheet HTML 6Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 7Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 8Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 9Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 10Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 11Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 12Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 13Page - Analog Devices ADM1278-3ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
ADM1278
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
VCC Pin
−0.3 V to +25 V
UV Pin
−0.3 V to +4 V
OV Pin
−0.3 V to +4 V
ISTART Pin
−0.3 V to +4 V
TIMER Pin
−0.3 V to VCAP + 0.3 V
TEMP Pin
−0.3 V to VCAP + 0.3 V
VCAP Pin
−0.3 V to +4 V
ISET Pin
−0.3 V to +4 V
PSET Pin
−0.3 V to +4 V
FAULT Pin
−0.3 V to +25 V
RETRY Pin
−0.3 V to +4 V
PWGIN Pin
−0.3 V to +4 V
SCL Pin
−0.3 V to +6.5 V
SDA Pin
−0.3 V to +6.5 V
SPI_SS Pin
−0.3 V to +4 V
MCLK Pin
−0.3 V to +4 V
MDAT Pin
−0.3 V to +4 V
ADR1 Pin
−0.3 V to +6.5 V
ADR2 Pin
−0.3 V to +6.5 V
ENABLE Pin
−0.3 V to +25 V
GPO1/ALERT1/CONV Pin
−0.3 V to +25 V
GPO2/ALERT2 Pin
−0.3 V to +25 V
PWRGD Pin
−0.3 V to +25 V
VOUT Pin
−0.3 V to +25 V
GATE Pin (Internal Supply Only)1
−0.3 V to +36 V
HS+ Pin
−0.3 V to +25 V
HS− Pin
−0.3 V to +25 V
MO+ Pin
−0.3 V to +25 V
MO− Pin
−0.3 V to +25 V
PGND
±0.3 V
VSENSE_HS (VHS+ − VHS−)
±0.3 V
VSENSE_MO (VMO+ − VMO−)
±0.3 V
CSOUT Short-Circuit Duration
Indefinite
Continuous Current into Any Pin
±10 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature, Soldering (10 sec)
300°C
Junction Temperature
105°C
1
The GATE pin has internal clamping circuits to prevent the GATE pin voltage
from exceeding the maximum ratings of a MOSFET with gain to source
voltage, VGSMAX = 20 V, and internal process limits. Applying a voltage source
to this pin externally may cause irreversible damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
Unit
32-Lead LFCSP (CP-32-13)
32.5
°C/W
ESD CAUTION
Rev. A | Page 10 of 61


Numéro de pièce similaire - ADM1278-3ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Description similaire - ADM1278-3ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com