Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8104 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8104 Fiches technique(HTML) 3 Page - Analog Devices

  AD8104 Datasheet HTML 1Page - Analog Devices AD8104 Datasheet HTML 2Page - Analog Devices AD8104 Datasheet HTML 3Page - Analog Devices AD8104 Datasheet HTML 4Page - Analog Devices AD8104 Datasheet HTML 5Page - Analog Devices AD8104 Datasheet HTML 6Page - Analog Devices AD8104 Datasheet HTML 7Page - Analog Devices AD8104 Datasheet HTML 8Page - Analog Devices AD8104 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 3 of 36
SPECIFICATIONS
VS = ±2.5 V at TA = 25°C, RL, diff = 200 Ω, VOCM = 0 V, differential I/O mode, unless otherwise noted.
Table 1.
AD8104/AD8105
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p, typical channel
600
MHz
2 V p-p, typical channel
420/525
MHz
Gain Flatness
0.1 dB, 200 mV p-p
100/50
MHz
0.1 dB, 2 V p-p
70/50
MHz
Propagation Delay
2 V p-p
1.3
ns
Settling Time
1%, 2 V step
2.5
ns
Slew Rate
2 V step, peak
1800
V/µs
2 V step, 10% to 90%
1500
V/µs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL, RL = 150 Ω
0.05
%
Differential Phase Error
NTSC or PAL, RL = 150 Ω
0.05
Degrees
Crosstalk, All Hostile
f = 5 MHz
−80/−70
dB
f = 10 MHz
−72/−68
dB
f = 100 MHz
−48/−50
dB
f = 600 MHz
−40/−50
dB
Off Isolation, Input to Output
f = 5 MHz, one channel
−92
dB
Input Voltage Noise
0.1 MHz to 50 MHz
45/53
nV/√Hz
DC PERFORMANCE
Voltage Gain
Differential
+1/+2
V/V
Gain Error
±1
%
No load
±1
±3
%
Gain Matching
Channel-to-channel
±1
%
Differential Offset
±5
±25
mV
Common-Mode Offset
±25
±90
mV
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.1
Disabled, differential
30
kΩ
Output Disable Capacitance
Disabled
4
pF
Output Leakage Current
Disabled
1
µA
Output Voltage Range
No load
2.8
3.8
V p-p
VOCM Input Range
VOUT, diff = 2 V p-p
−0.5
+0.8
V
VOUT, diff = 2.8 V p-p
−0.25
+0.6
V
Output Swing Limit
Single-ended output
−1.3
+1.3
V
Output Current
Maximum operating signal
30
mA
INPUT CHARACTERISTICS
Input Voltage Range
Common mode, VIN, diff = 2 V p-p
−2
+2
V
Differential
2/1
V
Common-Mode Rejection Ratio
f = 10 MHz
48
dB
Input Capacitance
Any switch configuration
2
pF
Input Resistance
Differential
5
kΩ
Input Offset Current
1
μA
VOCM Input Bias Current
64
µA
VOCM Input Impedance
4
kΩ


Numéro de pièce similaire - AD8104

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8104 AD-AD8104 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
More results

Description similaire - AD8104

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com